Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

39170-1026 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 39170-1026
Description  Interface Modules
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

39170-1026 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
APPLICATIONS
Interface Modules
39170
Interface modules are DIN-Rail mounted, PCB-based
interconnect devices that provide an expedient and
simplistic means to transition between system
Input/Output (I/O) connectors and field equipment.
Modules incorporate terminal blocks and other high-
density electronic connectors.
Molex’s Interface Modules have pre-drilled component
holes, allowing for the addition of other electronic
components, if necessary. Typical additions and
modifications to the standard modules may include
resistors, capacitors, diodes or light emitting diodes
(LEDs) for increased functionality.
Custom interface modules are also available and allow
the user to develop a connector interface system to
meet virtually any application and product
requirement. Molex works seamlessly with our
customers to develop application specific modules to
meet unique design requirements.
Reference Information
Packaging: Box
Designed In: Inches
Electrical
Terminal Blocks
Voltage: 300V
Current: 15.0A max.
Dielectric Withstanding Voltage: 4000V DC
Insulation Resistance: 5000 Megohms min.
Ribbon Cable Connector
Voltage: 120V
Current: 1.0A
Dielectric Withstanding Voltage: 1000V RMS
Insulation Resistance: 1000 Megohms min.
D-Sub Connector
Voltage: 125V
Current: 2.50A
Dielectric Withstanding Voltage: 500V RMS
Insulation Resistance: 1000 Megohms min.
Physical
Terminal Blocks
Housing: PA Polyamide (Nylon 6/6)
Contact: Phosphor Bronze (CuSn)
Plating: Contact Area — Tin (Sn)
Operating Temperature: +110°C max.
Flammability: UL 94V-0
Tightening Torque-Recommended: 0.56Nm (5 in. lbs)
Interface Modules provide a cost effective
and simple transition from cable assemblies to
discrete wiring
I Machine Builders
- Semiconductor equipment
- Mill machines
- Compressor systems
I Process Control Equipment/Systems
- Instrumentation
- Distributed Control Systems (DCS)
- Power generation equipment
I Industrial Control Equipment
- PLCs
- Micro-controllers
- Motion controllers
I Material Handling Equipment
- Conveyor systems
- Elevators/people movers
- Automated warehouse controls
I Transportation
- Signal control
- Railway switching
- Jetway systems
I Construction Equipment
- Scissor lifts
- Beam lifts
D-Sub module
Ribbon-Cable module
Features and Benefits
I High-reliability rising cage clamp connection
technology (on terminal blocks) provides reliable
connection without strand damage
I High-packing density of compact modules enables
space savings where real estate is limited
I Blocks are clearly marked to reduce wiring errors
and installation time
I Fixed or pluggable terminal blocks available for
discrete wire connections providing design flexibility
I Pre-drilled component holes allow for the easy
addition of other components
I Pluggable terminal blocks are provided with coding
pins (keys) to prevent mis-mating


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn