Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSB0705181MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSB0705181MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB0705181MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SSB0705181MZF Datasheet HTML 1Page - Superworld Electronics SSB0705181MZF Datasheet HTML 2Page - Superworld Electronics SSB0705181MZF Datasheet HTML 3Page - Superworld Electronics SSB0705181MZF Datasheet HTML 4Page - Superworld Electronics SSB0705181MZF Datasheet HTML 5Page - Superworld Electronics SSB0705181MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSB0705 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
3.3±20%
SSB07053R3MZF
27.0±20%
SSB0705270MZF
SSB0705330MZF
SSB0705470MZF
SSB0705680MZF
SSB0705560MZF
SSB0705820MZF
SSB0705390MZF
56.0±20%
68.0±20%
82.0±20%
33.0±20%
47.0±20%
39.0±20%
SSB07054R7MZF
SSB07056R8MZF
SSB0705120MZF
SSB0705180MZF
SSB0705150MZF
SSB0705220MZF
SSB0705100MZF
12.0±20%
18.0±20%
15.0±20%
22.0±20%
10.0±20%
6.8±20%
4.7±20%
Part No.
SSB07051R0MZF
SSB07052R2MZF
SSB07051R5MZF
( µH )
1.5±20%
2.2±20%
1.0±20%
Inductance
30
2.50
1V/ 100K
120
1.00
1V/ 100K
230
0.70
1V/ 100K
1V/ 100K
1V/ 100K
0.57
300
270
0.65
1V/ 100K
1V/ 100K
1V/ 100K
150
0.85
170
0.80
135
0.90
65
1.55
1V/ 100K
1V/ 100K
1V/ 100K
1V/ 100K
80
1.20
90
1.15
70
1.45
1V/ 100K
1V/ 100K
1V/ 100K
45
1.90
60
1.70
36
2.00
Max.
Max.
1V/ 100K
1V/ 100K
1V/ 100K
23
2.90
26
2.70
20
3.00
RDC
( m )
IDC
( A )
0.22
1750
1V / 100K
SSB0705561MZF
560.0±20%
SSB0705681MZF
SSB0705102MZF
SSB0705821MZF
820.0±20%
1000.0±20%
680.0±20%
1V / 100K
1V / 100K
1V / 100K
2800
3200
2500
0.19
0.18
0.20
SSB0705271MZF
270.0±20%
SSB0705331MZF
SSB0705471MZF
SSB0705391MZF
390.0±20%
470.0±20%
330.0±20%
SSB0705151MZF
SSB0705221MZF
SSB0705181MZF
220.0±20%
150.0±20%
180.0±20%
900
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1400
1600
1000
1V / 100K
1V / 100K
1V / 100K
800
530
600
SSB0705121MZF
SSB0705101MZF
120.0±20%
100.0±20%
1V / 100K
1V / 100K
360
400
0.32
0.27
0.25
0.30
0.35
0.40
0.38
0.50
0.47
( Hz )
Frequency
Test


Similar Part No. - SSB0705181MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSB0703 SUPERWORLD-SSB0703 Datasheet
512Kb / 6P
   SMD POWER INDUCTORS
SSB0703100MZF SUPERWORLD-SSB0703100MZF Datasheet
512Kb / 6P
   SMD POWER INDUCTORS
SSB0703101MZF SUPERWORLD-SSB0703101MZF Datasheet
512Kb / 6P
   SMD POWER INDUCTORS
SSB0703102MZF SUPERWORLD-SSB0703102MZF Datasheet
512Kb / 6P
   SMD POWER INDUCTORS
SSB0703120MZF SUPERWORLD-SSB0703120MZF Datasheet
512Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - SSB0705181MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com