Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND12C285-4HB Datasheet(PDF) 5 Page - Purdy Electronics Corporation

Part # AND12C285-4HB
Description  SVGA Color TFT LCD Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND12C285-4HB Datasheet(HTML) 5 Page - Purdy Electronics Corporation

  AND12C285-4HB Datasheet HTML 1Page - Purdy Electronics Corporation AND12C285-4HB Datasheet HTML 2Page - Purdy Electronics Corporation AND12C285-4HB Datasheet HTML 3Page - Purdy Electronics Corporation AND12C285-4HB Datasheet HTML 4Page - Purdy Electronics Corporation AND12C285-4HB Datasheet HTML 5Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AND12C285-4HB
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/20/07
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
5
Note (2): 256 colors are displayed by the combinations of 18 data bits.
Display
R5R4R3R2R1R0
G5
G4
G3
G2
G1
G0
B5B4B3B2B1B0
Gray Scale
Level
Basic
Color
Black
LLLLLLLLLLLLLLLLLL
Blue
LLLLLLLLLLLL
HHHHHH
Green
LLLLLL
HHHHHH
LLLLLL
Lt. Blue
LLLLLL
HHHHHHHHHHHH
Red
HHHHHH
LLLLLLLLLLLL
Purple
HHHHHH
LLLLLL
HHHHHH
Yellow
HHHHHHHHHHHH
LLLLLL
White
HHHHHHHHHHHHHHHHHH
Gray
Scale
of
Red
Black
LLLLLLLLLLLLLLLLLL
L0
Dark
LLLLL
H
LLLLLLLLLLLL
L1
LLLL
H
LLLLLLLLLLLLL
L2
:::
L3~L60
:::
HHHH
L
H
LLLLLLLLLLLL
L61
Light
HHHHH
LLLLLLLLLLLLL
L62
Red
HHHHHH
LLLLLLLLLLLL
Red
L63
Gray
Scale
of
Green
Black
LLLLLLLLLLLLLLLLLL
L0
Dark
LLLLLLLLLLL
H
LLLLLL
L1
LLLLLLLLLL
H
LLLLLLL
L2
:::
L3~L60
:::
LLLLLL
HHHH
L
H
LLLLLL
L61
Light
LLLLLL
HHHHH
LLLLLLL
L62
Green
LLLLLL
HHHHHH
LLLLLL
Green
L63
Gray
Scale
of
Blue
Black
LLLLLLLLLLLLLLLLLL
L0
Dark
LLLLLLLLLLLLLLLLL
H
L1
LLLLLLLLLLLLLLLL
H
L
L2
:::
L3~L60
:::
LLLLLLLLLLLL
HHHH
L
H
L61
Light
LLLLLLLLLLLL
HHHHH
L
L62
Blue
LLLLLLLLLLLL
HHHHHH
Blue
L63
Gray
Scale
of
White
&
Black
Black
LLLLLLLLLLLLLLLLLL
L0
Dark
LLLLL
H
LLLLL
H
LLLLL
H
L1
LLLL
H
LLLLL
H
LLLLL
H
L
L2
:::
L3~L60
:::
HHHH
L
HHHHH
L
HHHHH
L
H
L61
Light
HHHHH
L
HHHHH
L
HHHHH
L
L62
White
HHHHHHHHHHHHHHHHHH
White
L63


Similar Part No. - AND12C285-4HB

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND12C285-4HB PURDY-AND12C285-4HB Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND12C285-4HB PURDY-AND12C285-4HB Datasheet
396Kb / 4P
   Liquid Crystal Displays
logo
List of Unclassifed Man...
AND12C285-4HB ETC2-AND12C285-4HB Datasheet
97Kb / 3P
   Color Displays - (Prototype Kits Available for All Displays)
More results

Similar Description - AND12C285-4HB

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND12C285-DHB-KIT PURDY-AND12C285-DHB-KIT Datasheet
677Kb / 5P
   SVGA Color TFT LCD Module
logo
AU Optronics Corp.,
G084SN05V.3 AUO-G084SN05V.3 Datasheet
250Kb / 25P
   8.4inch SVGA Color TFT-LCD Module
G121SN01V.1 AUO-G121SN01V.1 Datasheet
407Kb / 28P
   12.1inch SVGA Color TFT-LCD Module
G104SN03V.2 AUO-G104SN03V.2 Datasheet
314Kb / 27P
   10.4 inch SVGA Color TFT LCD Module
G104SN03V.0 AUO-G104SN03V.0 Datasheet
329Kb / 25P
   10.4 inch SVGA Color TFT LCD Module
G084SN03V.0 AUO-G084SN03V.0 Datasheet
223Kb / 24P
   8.4 inch SVGA Color TFT LCD Module
G084SN03V.2 AUO-G084SN03V.2 Datasheet
252Kb / 26P
   8.4 inch SVGA Color TFT LCD Module
logo
Hantronix,Inc
HDA800ST-GL HANTRONIX-HDA800ST-GL Datasheet
1Mb / 18P
   8?? TFT SVGA (800X600) COLOR LCD DISPLAY MODULE
HDA800S-GT HANTRONIX-HDA800S-GT_15 Datasheet
1Mb / 16P
   8 TFT SVGA (800X600) COLOR LCD DISPLAY MODULE
HDA800ST-GHL HANTRONIX-HDA800ST-GHL Datasheet
1Mb / 18P
   8?? TFT SVGA (800X600) COLOR LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com