Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAM-70X1S-T80B Datasheet(PDF) 11 Page - Source Photonics, Inc.

Part # FAM-70X1S-T80B
Description  OC-192/STM-64 SFF Transponder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FAM-70X1S-T80B Datasheet(HTML) 11 Page - Source Photonics, Inc.

Back Button FAM-70X1S-T80B Datasheet HTML 6Page - Source Photonics, Inc. FAM-70X1S-T80B Datasheet HTML 7Page - Source Photonics, Inc. FAM-70X1S-T80B Datasheet HTML 8Page - Source Photonics, Inc. FAM-70X1S-T80B Datasheet HTML 9Page - Source Photonics, Inc. FAM-70X1S-T80B Datasheet HTML 10Page - Source Photonics, Inc. FAM-70X1S-T80B Datasheet HTML 11Page - Source Photonics, Inc. FAM-70X1S-T80B Datasheet HTML 12Page - Source Photonics, Inc. FAM-70X1S-T80B Datasheet HTML 13Page - Source Photonics, Inc. FAM-70X1S-T80B Datasheet HTML 14Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
OC-192/STM-64 Transponder
40/80km transmission
July 10, 2005
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 11 of 14
Analog Monitoring Signal
Table 14 - Monitor Signals
Function
Symbol
Min.
Typ.
Max.
Unit
Transmitter
Normalized laser power monitor voltage BOL
0.47
0.5
0.53
V
Laser power monitor voltage slope
LsPOWMON
0.25 V change for 50% power variation
(mW)
Laser bias monitor voltage offset
0.2
0
2
V
Laser bias monitor voltage slope
LsBIASMON
18
20
22
mV/mA
Normalized laser temperature Monitor voltage
2.4
2.5
2.6
V
Laser temperature Monitor voltage slop
LsTEMPMON
23
25
27
mV/℃
Receiver
Input optical power monitor voltage slope-PIN
1.0
V/mW
Input optical power monitor voltage slope-APD
8.0
V/mW
Input optical power monitor error
RxPOWMON
-1.5
+1.5
dB
I2C Serial Interface
Table 14 – I2C Interface
Function
Symbol
Level
Description
Note
I2CAD0
LVTTL
I2C address input for module
addressing (LSB)
(LVTTL with pull-down
resistor)
I2CAD1
LVTTL
I2C address input for module
addressing
(LVTTL with pull-down
resistor)
I2C Address
I2CAD2
LVTTL
I2C address input for module
addressing (MSB)
(LVTTL with pull-down
resistor)
I2C Clock
I2CCLOCK
Open
collector
I2C clock input/output for
remote access
N/A
I2C Data
I2CDATA
Open
collector
I2C data input/output for
remote access
N/A


Similar Part No. - FAM-70X1S-T80B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FAM-15ASR ETC-FAM-15ASR Datasheet
390Kb / 4P
   Sensing element / Absolute
logo
Fujikura Ltd.
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
392Kb / 4P
   Sensing element/Absolute
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
209Kb / 5P
   Barometric pressure measurable Surface mount package
FAM-15PASR FUJIKURA-FAM-15PASR_11 Datasheet
209Kb / 5P
   Barometric pressure measurable Surface mount package
logo
Source Photonics, Inc.
FAM-30X1S-T20 SOURCE-FAM-30X1S-T20 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
More results

Similar Description - FAM-70X1S-T80B

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Silicon Laboratories
SI5540 SILABS-SI5540 Datasheet
308Kb / 20P
   SiPHY OC-192/STM-64 TRANSMITTER
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
R2862A AGERE-R2862A Datasheet
97Kb / 6P
   R2862A Digital 2R Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com