Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDL1108-1R5MF Datasheet(PDF) 5 Page - Superworld Electronics

Part # SDL1108-1R5MF
Description  HIGH CURRENT POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108-1R5MF Datasheet(HTML) 5 Page - Superworld Electronics

  SDL1108-1R5MF Datasheet HTML 1Page - Superworld Electronics SDL1108-1R5MF Datasheet HTML 2Page - Superworld Electronics SDL1108-1R5MF Datasheet HTML 3Page - Superworld Electronics SDL1108-1R5MF Datasheet HTML 4Page - Superworld Electronics SDL1108-1R5MF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
05.05.2008
HIGH CURRENT POWER INDUCTORS
SDL1108 SERIES
9. SOLDERIND AND MOUNTING :
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
Styrofoam
Inner box
Carton
Size
2100
420
SDL1108
210
10. PACKING AND QUANTITY :
9-2.2 Soldering Iron (Figure 2) :
b) 280°C tip temperature (max)
Natural
cooling
30~60s
Figure 1. Re-flow Soldering
a soldering iron must be employed the following precautions are recommended.
a) Preheat circuit and products to 150°C.
c) Never contact the ceramic with the iron tip
150
180
60~120s
Preheating
250~260
230
Soldering
10s max.
Note :
260
Over 1min.
Within 3secs.
Figure 2. Iron Soldering
150
Gradual
Cooling
Preheating
d) 1.0mm tip diameter (max)
f) Limit soldering time to 3 secs.
280
Soldering
Natural
cooling
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
SDL1108-R47MF
Part No.
SDL1108-R60MF
SDL1108-1R0MF
SDL1108-1R2MF
SDL1108-1R5MF
SDL1108-2R0MF
Recommended temperature profiles for re-flow soldering in Figure 1.
9-2. Soldering
air soldering tools.
9-2.1 Solder Re-flow :
H
1.5 +0.2
6.6±0.5
6.2±0.5
6.2±0.5
6.4±0.5
6.5±0.5
7.2±0.5
+0.2
+0.2
1.4
1.2
-0
-0
6.7±0.5
6.7±0.5
6.2±0.5
5.6±0.5
6.6±0.5
mm
G
5.6±0.5
H
mm
+0.2
+0.2
+0.2
1.8
-0
1.5
-0
-0
mm
1.8
I
-0


Similar Part No. - SDL1108-1R5MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDL1108-1R5MF SUPERWORLD-SDL1108-1R5MF Datasheet
669Kb / 4P
   High Current POWER INDUCTORS
More results

Similar Description - SDL1108-1R5MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
   HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
   HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
   High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
   High current power inductors
HC9 EATON-HC9 Datasheet
441Kb / 4P
   High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
   High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
   High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
   High current power inductors
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SDL1008P SUPERWORLD-SDL1008P Datasheet
173Kb / 3P
   HIGH CURRENT POWER INDUCTORS
SDL1310 SUPERWORLD-SDL1310 Datasheet
203Kb / 4P
   HIGH CURRENT POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com