Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAM-30X1S-T7 Datasheet(PDF) 10 Page - Source Photonics, Inc.

Part # FAM-30X1S-T7
Description  OC-192/STM-64 SFF Transponder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FAM-30X1S-T7 Datasheet(HTML) 10 Page - Source Photonics, Inc.

Back Button FAM-30X1S-T7 Datasheet HTML 6Page - Source Photonics, Inc. FAM-30X1S-T7 Datasheet HTML 7Page - Source Photonics, Inc. FAM-30X1S-T7 Datasheet HTML 8Page - Source Photonics, Inc. FAM-30X1S-T7 Datasheet HTML 9Page - Source Photonics, Inc. FAM-30X1S-T7 Datasheet HTML 10Page - Source Photonics, Inc. FAM-30X1S-T7 Datasheet HTML 11Page - Source Photonics, Inc. FAM-30X1S-T7 Datasheet HTML 12Page - Source Photonics, Inc. FAM-30X1S-T7 Datasheet HTML 13Page - Source Photonics, Inc. FAM-30X1S-T7 Datasheet HTML 14Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
OC-192/STM-64 Transponder
7km and 20km transmission
Feb. 15, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 10 of 14
Digital Alarm Signal
Table 13 - Alarms Digital signals
Function
Symbol
Level
Description
Note
Common Digital Signal
L
Any alarm from
both transmitter
and receiver
Indicates
all
alarm active
ALMINT
LVTTL
H
Normal operation
Activation Time: 10ms
Deactivation Time: 10ms
Transmitter
L
Alarm active
Loss of Tx PLL
lock
TxLOCKERR
LVTTL
H
Normal operation
Loss of transmitter PLL lock
Activation Time: 1ms
Deactivation Time: 1ms
L
Alarm active
(FIFO overflow)
MUX FIFO error
TxFIFOERR
LVTTL
H
Normal operation
TxError is internally connected to
TxFIFO RES. (Default) Customer may
have control of TXFIFO RES without
internal loopback (Optional)
L
Alarm active
(laser bias
current alarm)
Laser bias out
of range
LsBIASALM
LVTTL
H
Normal operation
Alarm when laser bias changes by a
factor of 2 from beginning of life or if
monitor
reaches
maximum
level
corresponding to approximate150mA.
Activation Time: 10 ms
Deactivation Time: 10 ms
L
Alarm active
Laser
temperature out
of range
LsTEMPALM
LVTTL
H
Normal operation
Laser temperature 5°C from nominal,
Activation Time : 10ms
Deactivation Time : 10ms
L
Alarm active
Laser
output
power
out
of
range
LsPOWALM
LVTTL
H
Normal operation
Output power degrades 3dB below the
BOL Activation Time : 10ms
Deactivation Time : 10ms
L
Alarm from
transmitter
Tx alarms
TxALMINT
LVTTL
H
Normal operation
Activation Time: 10 ms;
Deactivation Time: 10 ms
Receiver
L
Alarm active
Loss of Rx PLL
lock
RxLOCKERR LVTTL
H
Normal operation
Activation Time: 1ms
Deactivation Time: 1ms
L
Alarm active
Loss of receiver
average power
alarm
RxPOWALM
LVTTL
H
Normal operation
Activation Time: <60us
Deactivation Time: <60us
L
Alarm from
transmitter
Rx alarms
RxALMINT
LVTTL
H
Normal operation
Activation Time: 10 ms;
Deactivation Time: 10 ms


Similar Part No. - FAM-30X1S-T7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FAM-15ASR ETC-FAM-15ASR Datasheet
390Kb / 4P
   Sensing element / Absolute
logo
Fujikura Ltd.
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
392Kb / 4P
   Sensing element/Absolute
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
209Kb / 5P
   Barometric pressure measurable Surface mount package
FAM-15PASR FUJIKURA-FAM-15PASR_11 Datasheet
209Kb / 5P
   Barometric pressure measurable Surface mount package
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
More results

Similar Description - FAM-30X1S-T7

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Silicon Laboratories
SI5540 SILABS-SI5540 Datasheet
308Kb / 20P
   SiPHY OC-192/STM-64 TRANSMITTER
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
R2862A AGERE-R2862A Datasheet
97Kb / 6P
   R2862A Digital 2R Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com