Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC30U-120V Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSC30U-120V
Description  30 Watt Universal 3-Wire Input Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSC30U-120V Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSC30U-120V Datasheet HTML 1Page - Phihong USA Inc. PSC30U-120V Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSC30U-V Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Rating
Over-current Protection
100 to 240VAC
Output equipped with short circuit protection – auto
restart
AC Input Voltage Range
Short Circuit Protection
90 to 264VAC
Output can be shorted without damage
AC Input Frequency
47 to 63Hz
ENVIRONMENTAL:
Temperature
Input Current
Operation
0 to +40°C
Non-operation
-30 to +85°C
0.8A (rms) max. @ 115VAC
0.4A (rms) max. @ 230VAC
Humidity
Leakage Current
Operation
5 to 90%
3.5mA Max.
Emissions
Inrush Current (cold)
FCC Class B
30A for 115VAC at max. load
EN55022 Class B
60A for 230VAC at max. load
(Cold start @ ambient 25°C)
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 1500VAC for 1 minute, 10mA
Input Power Saving
0.3W maximum at no load
OUTPUT:
Efficiency
> 83.5% average efficiency
Hold-up Time
10mS Min. @ 120VAC and Max. load
Over-voltage Protection
Output shuts down and recovers after reset AC power
Dimension Diagram Unit: mm


Similar Part No. - PSC30U-120V

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC30U-120V PHIHONG-PSC30U-120V Datasheet
93Kb / 2P
   30 Watt Universal 3-Wire Input Adapter
PSC30U-120V PHIHONG-PSC30U-120V_14 Datasheet
93Kb / 2P
   30 Watt Universal 3-Wire Input Adapter
More results

Similar Description - PSC30U-120V

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC30U-120V PHIHONG-PSC30U-120V_14 Datasheet
93Kb / 2P
   30 Watt Universal 3-Wire Input Adapter
PSA31U-050 PHIHONG-PSA31U-050 Datasheet
324Kb / 2P
   20-30 Watt Universal 3-Wire Input Adapter
PSC30U-050 PHIHONG-PSC30U-050 Datasheet
129Kb / 2P
   20-30 Watt Universal 3-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480_14 Datasheet
146Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSC75U-560 PHIHONG-PSC75U-560 Datasheet
120Kb / 2P
   75 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_17 Datasheet
89Kb / 3P
   60 Watt Universal 3-Wire Input Adapter
PSAA60M-120 PHIHONG-PSAA60M-120 Datasheet
153Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480 Datasheet
135Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSC60M-120 PHIHONG-PSC60M-120 Datasheet
128Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_14 Datasheet
124Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com