Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDC1207-1R2YF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDC1207-1R2YF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDC1207-1R2YF Datasheet(HTML) 2 Page - Superworld Electronics

  SDC1207-1R2YF Datasheet HTML 1Page - Superworld Electronics SDC1207-1R2YF Datasheet HTML 2Page - Superworld Electronics SDC1207-1R2YF Datasheet HTML 3Page - Superworld Electronics SDC1207-1R2YF Datasheet HTML 4Page - Superworld Electronics SDC1207-1R2YF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
5. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SDC1207 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
12.05.2008
SDC1207-331MF
SDC1207-151MF
SDC1207-181MF
SDC1207-221MF
SDC1207-271MF
SDC1207-820MF
SDC1207-121MF
SDC1207-101MF
SDC1207-680MF
SDC1207-390MF
SDC1207-470MF
SDC1207-330MF
SDC1207-560MF
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
47 ±20%
39 ±20%
33 ±20%
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
0.700
0.95
0.560
0.640
0.350
0.390
1.16
1.06
1.42
1.30
0.250
0.280
0.160
0.220
1.70
1.60
2.10
1.95
0.140
0.110
0.100
0.0729
2.50
2.35
3.00
2.75
SDC1207-220MF
SDC1207-270MF
SDC1207-150MF
SDC1207-180MF
SDC1207-100MF
SDC1207-7R6YF
SDC1207-6R1YF
SDC1207-120MF
Part No.
SDC1207-4R7YF
27 ±20%
22 ±20%
15 ±20%
18 ±20%
10 ±20%
12 ±20%
7.6 ±30%
6.1 ±30%
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
Inductance
4.7 ±30%
( µH )
Frequency
Test
0.0648
0.0459
0.0392
0.0270
3.60
3.40
4.50
3.90
0.0216
0.0243
0.0176
0.0200
5.40
4.90
6.60
5.90
Max.
DCR
0.0158
Max.
(
)
6.80
IDC
( A )
SDC1207-3R5YF
0.0135
7.50
3.5 ±30%
220 ±20%
180 ±20%
120 ±20%
150 ±20%
100 ±20%
56 ±20%
82 ±20%
68 ±20%
270 ±20%
330 ±20%
( Hz )
9.80
1V / 100K
0.0070
SDC1207-1R2YF
1.2 ±30%
2.4 ±30%
SDC1207-2R4YF
0.0115
8.00
SDC1207-391MF
390 ±20%
1V / 1K
0.980
0.88
SDC1207-471MF
470 ±20%
1V / 1K
1.070
0.79
SDC1207-561MF
560 ±20%
1V / 1K
1.460
0.73
SDC1207-681MF
680 ±20%
1V / 1K
1.640
0.67
SDC1207-821MF
820 ±20%
1V / 1K
0.60
SDC1207-102MF
1000 ±20%
1V / 1K
1.820
0.55
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
0.0432


Similar Part No. - SDC1207-1R2YF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC1207-1R2YF SUPERWORLD-SDC1207-1R2YF Datasheet
202Kb / 4P
   SMD POWER INDUCTORS
More results

Similar Description - SDC1207-1R2YF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com