Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9823T-CGHi Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # FTM-9823T-CGHi
Description  GPON ONT Triplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9823T-CGHi Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button FTM-9823T-CGHi Datasheet HTML 3Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 4Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 5Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 6Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 7Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 8Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 9Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 10Page - Source Photonics, Inc. FTM-9823T-CGHi Datasheet HTML 11Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
20-PIN Compact Package GPON ONT Triplexer
FTM-9823T-CGH(i)(G)
Class B
+ attenuation range: 13-28dB
Preliminary Data Sheet
May 14. 2007
Document Confidential Level: In public
Template ver. 1e
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 7 of 18
Recommended Interface Circuit
Figure 2 shows the recommended interface scheme.
G- PON
MAC
BM
Laser
Driver
CM
Limiting
Amplifier
Z=50
TD+(10)
TD-(12)
RD-(6)
BEN+(7)
SerDes
TXP
TXN
RXN
RXP
PON_ LOS
82
+3.3V
Z=50
Z=50
Z=50
+3.3V
PON_TX_ DISABLE+
BEN-(8)
82
130
100uH
10uF
uF
10uF
0.1uF
VCCT(13)
VCCR(3)
2x1uH
10uF
82
+3.3V
82
82
+3.3V
130
82
SCL(15)
INT(16)
RESET(19)
PON_INT
PON_ RST
PON_ SDA
PON_ SCL
100K
+3.3V
50K
+3.3V
(
VEER(2)
Z=50
Z=50
PON_TX_ DISABLE-
Microprocessor
130
130
130
RD+(5)
SD(4)
V
(17)
DD_ 12V
0.1
SDA(14)
,
VEEA 120)
Mini- SMB Jack
Connector
2 x 4.7-10K
10K
130
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
10uF
VEET(9,11)
RF
Amplifier
MoCA
Filter
FTM- 9823T-CGH(i)(G)
Figure 2 Recommended Interface Circuit


Similar Part No. - FTM-9823T-CGHi

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
FTM-9812T-C10G SOURCE-FTM-9812T-C10G Datasheet
301Kb / 12P
   GEPON ONU Triplexer
More results

Similar Description - FTM-9823T-CGHi

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9423P-FGHG SOURCE-FTM-9423P-FGHG Datasheet
350Kb / 17P
   SFF GPON ONT Diplexer
logo
Maxim Integrated Produc...
MAX3886 MAXIM-MAX3886 Datasheet
302Kb / 17P
   Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Rev 0; 12/07
logo
Mini-Circuits
TPLX-F2700 MINI-TPLX-F2700 Datasheet
593Kb / 4P
   Triplexer
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
   GPON Stick (GPON SFP ONU)
logo
Mini-Circuits
TPLX-E2485 MINI-TPLX-E2485 Datasheet
612Kb / 4P
   Triplexer
ZTPL-4620 MINI-ZTPL-4620 Datasheet
487Kb / 4P
   Triplexer
logo
Source Photonics, Inc.
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
logo
Pulse A Technitrol Comp...
C6224NL PULSE-C6224NL Datasheet
136Kb / 2P
   TRIPLEXER FILTER MODULE
logo
TDK Electronics
TPX205950MT-7004A1 TDK-TPX205950MT-7004A1 Datasheet
95Kb / 8P
   Multilayer Triplexer
logo
Source Photonics, Inc.
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
   FSAN High Power Triplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com