Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9712S-SL20EG Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # FTM-9712S-SL20EG
Description  SC Receptacle SFP GE-PON OLT Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9712S-SL20EG Datasheet(HTML) 5 Page - Source Photonics, Inc.

  FTM-9712S-SL20EG Datasheet HTML 1Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SC Receptacle SFP with Spring-latch GE-PON OLT Transceiver
FTM-9712S-SL20(E)(G)
20km transmission with Monitoring Function
Preliminary Data Sheet
Apr.28, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Doc No: DS3513009-1c
Page 5 of 15
Optical Signal Output (at
ONU side)
Tx_BRST
(at ONU side)
Upstream Data
(TD+/TD- at ONU side)
Upstream Data
(RD+/RD- at OLT side)
Valid Data
T
SETTLING
Within 15% of
Optical Steady State
Average Optical
Power <=-45dBm
T
ON
T
OFF
Garbage
Data
Figure 1 Timing Parameter Definition in Burst Mode Sequence (Sole ONU Application)
TX_BRST(ONU#1)
Optical Signal
(ONU#1) At TP3
T
EN_DUR
T
ON1
T
DIS_DUR
Within 15% of Optical
Steady State
<-45dBm
TX_BRST(ONU#2)
Optical Signal
(ONU#2) At TP3
Electrical Signal
(OLT) At TP4
T
OFF1
T
GUARD
T
OFF2
T
GAP
T
O/E
T
ON2
Figure 2 Timing Parameter Definition in Burst Mode Sequence (Dual ONUs Application)


Similar Part No. - FTM-9712S-SL20EG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9712P-F20 SOURCE-FTM-9712P-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-F20G SOURCE-FTM-9712P-F20G Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-K20 SOURCE-FTM-9712P-K20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-K20G SOURCE-FTM-9712P-K20G Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712T-F20 SOURCE-FTM-9712T-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
More results

Similar Description - FTM-9712S-SL20EG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9723P-KGHG SOURCE-FTM-9723P-KGHG Datasheet
467Kb / 16P
   2x10 SFF G-PON OLT Transceiver
logo
Vitesse Semiconductor C...
VSC7718 VITESSE-VSC7718 Datasheet
475Kb / 2P
   GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset
logo
Source Photonics, Inc.
FTM-9412P-F20 SOURCE-FTM-9412P-F20 Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
logo
ATGBICS by Approved Tec...
ONS-SC-GE-LX-C ATGBICS-ONS-SC-GE-LX-C Datasheet
322Kb / 9P
   ONS-SC-GE-LX Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
ONS-SC-GE-SX-C ATGBICS-ONS-SC-GE-SX-C Datasheet
294Kb / 8P
   ONS-SC-GE-SX Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
AVAGO TECHNOLOGIES LIMI...
BT-2442CS AVAGO-BT-2442CS Datasheet
169Kb / 1P
   10G E-PON Asymmetrical OLT Tri-direction OSA
logo
Optoway Technology Inc
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
logo
Source Photonics, Inc.
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
logo
Level One
GEU-0521 LVL1-GEU-0521 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
logo
Source Photonics, Inc.
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com