Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9712S-SL20 Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # FTM-9712S-SL20
Description  SC Receptacle SFP GE-PON OLT Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9712S-SL20 Datasheet(HTML) 9 Page - Source Photonics, Inc.

Back Button FTM-9712S-SL20 Datasheet HTML 5Page - Source Photonics, Inc. FTM-9712S-SL20 Datasheet HTML 6Page - Source Photonics, Inc. FTM-9712S-SL20 Datasheet HTML 7Page - Source Photonics, Inc. FTM-9712S-SL20 Datasheet HTML 8Page - Source Photonics, Inc. FTM-9712S-SL20 Datasheet HTML 9Page - Source Photonics, Inc. FTM-9712S-SL20 Datasheet HTML 10Page - Source Photonics, Inc. FTM-9712S-SL20 Datasheet HTML 11Page - Source Photonics, Inc. FTM-9712S-SL20 Datasheet HTML 12Page - Source Photonics, Inc. FTM-9712S-SL20 Datasheet HTML 13Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SC Receptacle SFP with Spring-latch GE-PON OLT Transceiver
FTM-9712S-SL20(E)(G)
20km transmission with Monitoring Function
Preliminary Data Sheet
Apr.28, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Doc No: DS3513009-1c
Page 9 of 15
module with a 4.7-10 KΩ resistor. Its states are:
Low (0-0.8V): Transmitter on
(>0.8, < 2.0V): Undefined
High (2.0-3.465V): Transmitter Disabled
Open: Transmitter Disabled
Note 3: MOD-DEF0,1,2. These are the module definition pins. They should be pulled up with a 4.7K-10KΩ resistor
on the host board. The pull-up voltage shall be VccT or VccR.
MOD-DEF0 is grounded by the module to indicate that the module is present
MOD-DEF1 is the clock line of two-wire serial interface for serial ID
MOD-DEF2 is the data line of two-wire serial interface for serial ID
Note 4: Reserved for module tuning and compulsive for system designer that any circuit doesn’t be connected to it.
Note 5: LOS (Loss of Signal) is an open collector/drain output, which should be pulled up with a 4.7K-10KΩ resistor.
Pull up voltage between 2.0V and VccT, R+0.3V. When high, this output indicates the received optical
power is below the worst-case receiver sensitivity (as defined by the standard in use). Low indicates
normal operation. In the low state, the output will be pulled to < 0.8V.
Note 6: VccR and VccT are the receiver and transmitter power supplies. They are defined as 3.3V±5% at the SFP
connector pin. Maximum supply current is 300 mA. Recommended host board power supply filtering is
shown in figure 4. Inductors with DC resistance of less than 1Ω should be used in order to maintain the
required voltage at the SFP input pin with 3.3V supply voltage. When the recommended supply filtering
network is used, hot plugging of the SFP transceiver module will result in an inrush current of no more than
30 mA greater than the steady state value.
Note 7: These are the differential receiver outputs. They are DC coupled 100 Ω differential lines which should be
terminated with 100 Ω (differential) at the user SERDES. (See Recommended Interface Circuit)
Note 8: These are the differential transmitter inputs. They are AC coupled differential lines with 100Ω differential
termination inside the module. The AC coupling is done inside the module and is thus not required on the
host board. (See Recommended Interface Circuit)


Similar Part No. - FTM-9712S-SL20

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9712P-F20 SOURCE-FTM-9712P-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-F20G SOURCE-FTM-9712P-F20G Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-K20 SOURCE-FTM-9712P-K20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-K20G SOURCE-FTM-9712P-K20G Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712T-F20 SOURCE-FTM-9712T-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
More results

Similar Description - FTM-9712S-SL20

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9723P-KGHG SOURCE-FTM-9723P-KGHG Datasheet
467Kb / 16P
   2x10 SFF G-PON OLT Transceiver
logo
Vitesse Semiconductor C...
VSC7718 VITESSE-VSC7718 Datasheet
475Kb / 2P
   GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset
logo
Source Photonics, Inc.
FTM-9412P-F20 SOURCE-FTM-9412P-F20 Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
logo
ATGBICS by Approved Tec...
ONS-SC-GE-LX-C ATGBICS-ONS-SC-GE-LX-C Datasheet
322Kb / 9P
   ONS-SC-GE-LX Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
ONS-SC-GE-SX-C ATGBICS-ONS-SC-GE-SX-C Datasheet
294Kb / 8P
   ONS-SC-GE-SX Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
AVAGO TECHNOLOGIES LIMI...
BT-2442CS AVAGO-BT-2442CS Datasheet
169Kb / 1P
   10G E-PON Asymmetrical OLT Tri-direction OSA
logo
Optoway Technology Inc
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
logo
Source Photonics, Inc.
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
logo
Level One
GEU-0521 LVL1-GEU-0521 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
logo
Source Photonics, Inc.
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com