Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA110-112 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA110-112
Description  110W Universal Industrial Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA110-112 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA110-112 Datasheet HTML 1Page - Phihong USA Inc. PSA110-112 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WWW.PHIHONG.COM
110W Universal Industrial Series
PSA110 Single Output L-Bracket
Applications
• Network
• Low Profile Racks
• Computer Peripherals
• Business Machines
Features
• Integral EMI filter
• Low Profile Design
• 100% Burn-In
• Over Voltage Protection
Mechanical Characteristics
Dimensions: • Length: 172.7mm (6.81in)
• Height: 43.6mm (1.7in)
• Width: 93.5mm (3.7in)
• Weight: 0.72kgm (1.6Ib)
Safety Approvals
• UL 1950
• TUV EN 60950
• CSA 22.2 234
• CE (Low Voltage Directive)
Model
DC Output
Load
Ripple
Regulation
Voltage
Min.
Convection
Max.(2)
P-P
Line
Load
+5V
+12V
+15V
+24V
PSA110-105
PSA110-112
PSA110-115
PSA110-124
1A
0A
0A
0A
16A
7A
5A
3.3A
22A
9A
7.3A
4.5A
50mV
120mV
150mV
240mV
+2%
+2%
+2%
+2%
+2%
+2%
+2%
+2%
(1) Measured by using a 12 inch twisted pair terminated with a 10mfd capacitor and 0.1mfd ceramic
capacitor in parallel with primary and secondary ground holes connected together.
(2) Forced air 30CFM required.
Output Specifications


Similar Part No. - PSA110-112

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA11R-033 PHIHONG-PSA11R-033 Datasheet
89Kb / 2P
   10W Interchangeable Plug Series
PSA11R-050 PHIHONG-PSA11R-050 Datasheet
89Kb / 2P
   10W Interchangeable Plug Series
PSA11R-090 PHIHONG-PSA11R-090 Datasheet
89Kb / 2P
   10W Interchangeable Plug Series
PSA11R-120 PHIHONG-PSA11R-120 Datasheet
89Kb / 2P
   10W Interchangeable Plug Series
PSA11R-150 PHIHONG-PSA11R-150 Datasheet
89Kb / 2P
   10W Interchangeable Plug Series
More results

Similar Description - PSA110-112

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA-110-401 PHIHONG-PSA-110-401 Datasheet
146Kb / 2P
   110W Universal Industrial Series
logo
SL Power Electronics
TB110S SLPOWER-TB110S Datasheet
632Kb / 4P
   110W Single Output Test and Measurement/Industrial Series
MINT1110A SLPOWER-MINT1110A Datasheet
489Kb / 3P
   110W Single Output Series
MINT3110 SLPOWER-MINT3110_14 Datasheet
5Mb / 10P
   110W Triple Output Medical Series
logo
Phihong USA Inc.
PSF149-401 PHIHONG-PSF149-401 Datasheet
395Kb / 2P
   150 Watt Universal Industrial Series
logo
Artesyn Technologies
NFS110 ARTESYN-NFS110 Datasheet
62Kb / 3P
   80-110W AC/DC Universal Input Switch Mode Power Supplies
logo
SL Power Electronics
MINT3110 SLPOWER-MINT3110 Datasheet
1Mb / 10P
   110W Triple Output Medical Series
logo
Inventronics Inc.
SUM-110SXXXMF INVENTRONICS-SUM-110SXXXMF Datasheet
650Kb / 13P
   110W Programmable IP65 Driver
Rev.A
SUM-110SXXXHF INVENTRONICS-SUM-110SXXXHF Datasheet
588Kb / 12P
   110W Programmable IP65 Driver
Rev.A
logo
SeCoS Halbleitertechnol...
SESD03 SECOS-SESD03 Datasheet
337Kb / 2P
   110W Transient Voltage Suppressors Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com