Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB1203271MZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SDB1203271MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB1203271MZF Datasheet(HTML) 3 Page - Superworld Electronics

  SDB1203271MZF Datasheet HTML 1Page - Superworld Electronics SDB1203271MZF Datasheet HTML 2Page - Superworld Electronics SDB1203271MZF Datasheet HTML 3Page - Superworld Electronics SDB1203271MZF Datasheet HTML 4Page - Superworld Electronics SDB1203271MZF Datasheet HTML 5Page - Superworld Electronics SDB1203271MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
07.05.2008
SMD POWER INDUCTORS
SDB1203 SERIES
7. CHARACTERISTICS CURVES :
0
10
0
10
FREQUENCY(MHZ)
-3
10
10-2
5
33
10-1
5
3100
35
3
1
10
5
2
10
510
DC CURRENT (A)
10
5
3
-3
5
3
10-2
10
-1 35
5
3
100
10
5
3
12
DC CURRENT (A)
3
1R5Y
1
5
10
100M
L
(uH)
5
3
330M
2
10
101M
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
5
3
331M
3
10
1
0
0
10
4
3
2
3
1
5
10
1R5Y
100M
L
5
3
(uH)
2
10
330M
101M
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
5
3
3
10
331M
8
7
6
510
9
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
80
t
30
20
40
(°C)
60
50
70
90
331M
330M
101M
100M
1R5Y


Similar Part No. - SDB1203271MZF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1200 KODENSHI-SDB1200 Datasheet
267Kb / 5P
   Schottky Barrier Rectifier
logo
Suntac Electronic Corp.
SDB1200E70 SUNTAC-SDB1200E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
SDB1200G SUNTAC-SDB1200G Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
SDB1200S SUNTAC-SDB1200S Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
Superworld Electronics
SDB1204 SUPERWORLD-SDB1204 Datasheet
772Kb / 7P
   SMD POWER INDUCTORS
More results

Similar Description - SDB1203271MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com