Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI1008S-33NF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI1008S-33NF
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008S-33NF Datasheet(HTML) 2 Page - Superworld Electronics

  SCI1008S-33NF Datasheet HTML 1Page - Superworld Electronics SCI1008S-33NF Datasheet HTML 2Page - Superworld Electronics SCI1008S-33NF Datasheet HTML 3Page - Superworld Electronics SCI1008S-33NF Datasheet HTML 4Page - Superworld Electronics SCI1008S-33NF Datasheet HTML 5Page - Superworld Electronics SCI1008S-33NF Datasheet HTML 6Page - Superworld Electronics SCI1008S-33NF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40°C Max.
b) Operating temp. : -40°C to +125°C
a) Storage temp. : -25°C to +80°C
SCI1008S SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.01.2008
e) Resistance to solder heat : 260°C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
Available
Tolerance
SCI1008S-R10 F
SCI1008S-R27 F
SCI1008S-R15 F
SCI1008S-R18 F
SCI1008S-R12 F
SCI1008S-R22 F
SCI1008S-22N F
SCI1008S-47N F
SCI1008S-56N F
SCI1008S-82N F
SCI1008S-68N F
SCI1008S-27N F
SCI1008S-39N F
SCI1008S-33N F
K, J
SCI1008S-10N F
SCI1008S-15N F
SCI1008S-12N F
SCI1008S-18N F
SCI1008S-5N6 F
Part No.
Q Test
IDC
DCR
SRF
Q
Test
L
350
650
0.560
1000
60
25
100
45
25
220
270
45
25
180
150
120
45
25
25
25
45
60
100
0.840
700
600
100
0.910
750
850
950
350
100
100
0.770
0.700
0.630
500
500
650
580
620
350
50
0.120
2400
55
22
50
65
47
56
68
82
50
50
65
65
60
50
27
39
33
50
50
50
55
60
60
350
0.160
1500
1300
1300
1000
350
350
350
0.180
0.200
0.220
1600
1500
1600
350
350
350
0.130
0.150
0.140
50
50
10
12
18
15
50
50
50
50
50
50
Freq
( MHz )
5.6
( nH )
50
50
Min.
4100
500
0.080
2400
3300
2500
500
500
350
0.090
0.120
0.110
4000
( MHz )
Min.
1500
( MHz )
Freq
0.150
Max.
(
)
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
( mA )
Max.
SCI1008S-24N F
350
50
0.120
1900
55
24
1000
K, J, G
SCI1008S-62N F
62
50
65
1250
350
0.200
1000
K, J, G
SCI1008S-75N F
75
50
60
1100
350
0.210
1000
K, J, G
SCI1008S-R24 F
45
25
240
100
0.880
650
500
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G


Similar Part No. - SCI1008S-33NF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI1008S-33NF SUPERWORLD-SCI1008S-33NF Datasheet
225Kb / 5P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI1008S-33NF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com