Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI0603S-5N1F Datasheet(PDF) 1 Page - Superworld Electronics

Part # SCI0603S-5N1F
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0603S-5N1F Datasheet(HTML) 1 Page - Superworld Electronics

  SCI0603S-5N1F Datasheet HTML 1Page - Superworld Electronics SCI0603S-5N1F Datasheet HTML 2Page - Superworld Electronics SCI0603S-5N1F Datasheet HTML 3Page - Superworld Electronics SCI0603S-5N1F Datasheet HTML 4Page - Superworld Electronics SCI0603S-5N1F Datasheet HTML 5Page - Superworld Electronics SCI0603S-5N1F Datasheet HTML 6Page - Superworld Electronics SCI0603S-5N1F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Type code : S ( Standard )
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : Ceramic U core
(c) Terminal Metallization : Ag + Ni + Au
3. SCHEMATIC :
(d) Inductance code : 1N6 = 1.6nH
(e) Tolerance code : G = ±2%, J = ±5%, K = ±10%
SCI0603S SERIES
WIREWOUND CHIP INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.01.2008
PCB Pattern
1.80 Max.
1.02 Max.
0.38 Ref.
1.12 Max.
a
b
(b) Wire : Enamelled Copper Wire
0.33 Ref.
0.86 Ref.
1.02 Ref.
0.64 Ref.
0.76 Ref.
BC
D
E
F
G
H
c
S C I 0 6 0 3 S - 1 N 6 K F
I
J
I
E
D
C
B
Unit:m/m
0.64 Ref.
J
I
(f) F : Lead Free
(f)


Similar Part No. - SCI0603S-5N1F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0603S-5N1GF SUPERWORLD-SCI0603S-5N1GF Datasheet
314Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0603S-5N1GF SUPERWORLD-SCI0603S-5N1GF Datasheet
227Kb / 5P
   WIREWOUND CHIP INDUCTORS
SCI0603S-5N1JF SUPERWORLD-SCI0603S-5N1JF Datasheet
314Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0603S-5N1KF SUPERWORLD-SCI0603S-5N1KF Datasheet
314Kb / 8P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI0603S-5N1F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com