Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9412P-F20i Datasheet(PDF) 10 Page - Source Photonics, Inc.

Part # FTM-9412P-F20i
Description  SFF GE-PON PX20 ONU Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9412P-F20i Datasheet(HTML) 10 Page - Source Photonics, Inc.

Back Button FTM-9412P-F20i Datasheet HTML 3Page - Source Photonics, Inc. FTM-9412P-F20i Datasheet HTML 4Page - Source Photonics, Inc. FTM-9412P-F20i Datasheet HTML 5Page - Source Photonics, Inc. FTM-9412P-F20i Datasheet HTML 6Page - Source Photonics, Inc. FTM-9412P-F20i Datasheet HTML 7Page - Source Photonics, Inc. FTM-9412P-F20i Datasheet HTML 8Page - Source Photonics, Inc. FTM-9412P-F20i Datasheet HTML 9Page - Source Photonics, Inc. FTM-9412P-F20i Datasheet HTML 10Page - Source Photonics, Inc. FTM-9412P-F20i Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SFF GE-PON PX20 ONU Transceiver
FTM-9412P-F20(G)/F20i(G)
20km transmission
Preliminary Data Sheet
Nov.10, 2005
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Doc No: DS3493001-2b
Page 10 of 10
Revision History
Reversion
Initiate
Review
Approve
Subject
Release Date
Pre 1a
Zachary Lu
Johnny Yang
Peter Tang
Initial datasheet (Using External ONU BOSA)
Only including FTM-9412P-F20
(Doc No. DS3493001-1a)
Feb.23,2005
Pre 1b
Zachary Lu
Johnny Yang
Peter Tang
Revised datasheet (Using External ONU BOSA)
Modify sensitivity form -27.5dBm to -26.5dBm In
page4
(Doc No. DS3493001-1b)
Apr.12,2004
Pre 2a
Zachary Lu
Johnny Yang
Peter Tang
Revised datasheet (Using Internal ONU BOSA)
1.
Add new P/N: FTM-9412P-F20i
2.
Update Mechanical Design Diagram in
Figure 4, Page 8
(Doc No. DS3493001-2a)
Sep.19,2005
Pre 2b
Zachary Lu
Johnny Yang
Peter Tang
Add new P/N: FTM-9412P-F20G/F20iG
(Doc No. DS3493001-2b)
Nov.10,2005


Similar Part No. - FTM-9412P-F20i

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412P-F20FDG SOURCE-FTM-9412P-F20FDG Datasheet
316Kb / 12P
   SFF GEPON PX20 ONU Transceiver
FTM-9412P-F20FG SOURCE-FTM-9412P-F20FG Datasheet
316Kb / 12P
   SFF GEPON PX20 ONU Transceiver
More results

Similar Description - FTM-9412P-F20i

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412P-F20FG SOURCE-FTM-9412P-F20FG Datasheet
316Kb / 12P
   SFF GEPON PX20 ONU Transceiver
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
logo
Optoway Technology Inc
NU-73H74H-PG OPTOWAY-NU-73H74H-PG Datasheet
159Kb / 5P
   3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver
logo
Source Photonics, Inc.
FTM-9412P-F10 SOURCE-FTM-9412P-F10 Datasheet
300Kb / 11P
   2x5 SFF GEPON ONU Transceiver
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
FTM-9723P-KGHG SOURCE-FTM-9723P-KGHG Datasheet
467Kb / 16P
   2x10 SFF G-PON OLT Transceiver
FTM-9712S-SL20 SOURCE-FTM-9712S-SL20 Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
logo
Optoway Technology Inc
NU-73D74D-PG OPTOWAY-NU-73D74D-PG Datasheet
159Kb / 5P
   3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX10-U ONU Transceiver
LT-74E73E-PG OPTOWAY-LT-74E73E-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20)
logo
Source Photonics, Inc.
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com