Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-3128C-SL15G Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # FTM-3128C-SL15G
Description  155M節?.67Gbps Spring-latch SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3128C-SL15G Datasheet(HTML) 3 Page - Source Photonics, Inc.

  FTM-3128C-SL15G Datasheet HTML 1Page - Source Photonics, Inc. FTM-3128C-SL15G Datasheet HTML 2Page - Source Photonics, Inc. FTM-3128C-SL15G Datasheet HTML 3Page - Source Photonics, Inc. FTM-3128C-SL15G Datasheet HTML 4Page - Source Photonics, Inc. FTM-3128C-SL15G Datasheet HTML 5Page - Source Photonics, Inc. FTM-3128C-SL15G Datasheet HTML 6Page - Source Photonics, Inc. FTM-3128C-SL15G Datasheet HTML 7Page - Source Photonics, Inc. FTM-3128C-SL15G Datasheet HTML 8Page - Source Photonics, Inc. FTM-3128C-SL15G Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
155M~2.67Gbps Spring-latch SFP Transceiver
2~15km transmission with monitoring function, RoHS compliance
June 13, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 3 of 11
Power Supply Voltage
VCC
3.13
3.47
V
Power Supply Current
ICC
300
mA
Data Rate
155
2488
2670
Mbps
Optical and Electrical Characteristics
All parameters are specified at overall operating case temperature and power supply range, and with a PRBS
2
23-1 test pattern @2.488Gbps unless otherwise stated.
FTM-3128C-SL2G
(1310nm FP and PIN, I-16, Monitoring function)
Table 4 –Optical and Electrical Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter
Centre Wavelength
λC
1266
1360
nm
Spectral Width (RMS)
σ
2
4
nm
Average Output Power
P0ut
-10
-3
dBm
1
Extinction Ration
EX
8.2
dB
P0ut@TX Disable Asserted
-45
dBm
Jitter Generation (RMS)
0.01
UI
Jitter Generation (pk-pk)
0.1
UI
Output Optical Eye
ITU-T G.957 compliant
2
Data Input Differential Swing
VIN
400
2000
mV
3
Input Differential Impedance
ZIN
100
Disable
2.0
Vcc+0.3
V
TX Disable
Enable
0
0.8
V
Fault
2.0
Vcc+0.3
V
TX Fault
Normal
0
0.8
V
Receiver
Centre Wavelength
λC
1260
1580
nm
Receiver Sensitivity
-18
dBm
4
Receiver Overload
-3
dBm
Reflection
-27
dB
LOS De-Assert
LOSD
-20
dBm
LOS Assert
LOSA
-35
dBm
LOS Hysteresis
0.5
4.5
dB
Data Output Differential Swing
VOUT
400
1200
mV
5
High
2.0
Vcc+0.3
V
LOS
Low
0
0.8
V
Notes:
1. The optical power is launched into 9/125 SMF.
2. Measured with a PRBS 2
23-1 test pattern @2.488Gbps.


Similar Part No. - FTM-3128C-SL15G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3128C-SL15BG SOURCE-FTM-3128C-SL15BG Datasheet
253Kb / 10P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15EG SOURCE-FTM-3128C-SL15EG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15iG SOURCE-FTM-3128C-SL15iG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
More results

Similar Description - FTM-3128C-SL15G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3128C-SL40G SOURCE-FTM-3128C-SL40G Datasheet
270Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2IG SOURCE-FTM-3128C-SL2IG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15BG SOURCE-FTM-3128C-SL15BG Datasheet
253Kb / 10P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5047G SOURCE-FTM-6128C-SL5047G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-3127C-SL2G SOURCE-FTM-3127C-SL2G Datasheet
282Kb / 10P
   1G節?.5Gbps Spring-latch SFP Transceiver
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com