Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCC1010820KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCC1010820KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC1010820KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCC1010820KZF Datasheet HTML 1Page - Superworld Electronics RCC1010820KZF Datasheet HTML 2Page - Superworld Electronics RCC1010820KZF Datasheet HTML 3Page - Superworld Electronics RCC1010820KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
RADIAL CHOKE COIL
1.90
0.140
2.52M
82±10%
1.000
1K
560±10%
680±10%
1000±10%
820±10%
1.100
1.700
1.300
1K
1K
1K
220±10%
270±10%
390±10%
330±10%
470±10%
100±10%
180±10%
150±10%
120±10%
0.340
1K
0.400
0.520
0.650
0.710
1K
1K
1K
1K
0.200
0.310
0.230
0.160
1K
1K
1K
1K
0.71
0.59
0.53
0.65
1.10
0.93
0.86
0.78
1.00
1.50
1.30
1.40
1.70
RCC1010330KZF
RCC1010100MZF
0.023
2.52M
12±20%
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
33±10%
47±10%
39±10%
68±10%
56±10%
18±20%
27±20%
22±20%
15±20%
0.055
0.083
0.092
0.120
0.073
0.026
0.037
0.048
0.033
2.52M
10±20%
0.022
4.90
2.90
2.30
2.10
2.50
2.70
3.60
3.30
4.40
4.00
5.30
Part No.
Max.
(
)
RDC
Inductance
( µH )
Test
( Hz )
Frequency
IDC
Max.
( A )
RCC1010120MZF
RCC1010150MZF
RCC1010180MZF
RCC1010220MZF
RCC1010270MZF
RCC1010390KZF
RCC1010470KZF
RCC1010560KZF
RCC1010680KZF
RCC1010820KZF
RCC1010101KZF
RCC1010121KZF
RCC1010151KZF
RCC1010181KZF
RCC1010221KZF
RCC1010271KZF
RCC1010331KZF
RCC1010391KZF
RCC1010471KZF
RCC1010561KZF
RCC1010681KZF
RCC1010821KZF
RCC1010102KZF
01.07.2008
RCC1010 SERIES
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERINGS
cooling
230°C
40s max.
150°C
Pre-heating
90 to 120s
180°C
10s max.
260°C
Natural


Similar Part No. - RCC1010820KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCC1010820KZF SUPERWORLD-RCC1010820KZF Datasheet
930Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCC1010820KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com