Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCC0805220KZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # RCC0805220KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC0805220KZF Datasheet(HTML) 3 Page - Superworld Electronics

  RCC0805220KZF Datasheet HTML 1Page - Superworld Electronics RCC0805220KZF Datasheet HTML 2Page - Superworld Electronics RCC0805220KZF Datasheet HTML 3Page - Superworld Electronics RCC0805220KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
RCC0805 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 3
01.07.2008
7. CHARACTERISTICS CURVES :
RADIAL CHOKE COIL
DC CURRENT (A)
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
20
1
10
FREQUENCY(MHZ)
-2
0
10-3
10
10
35
3
5
10
35
5
3
-1
5
3
0
10
3
1
10
102
5
(uH)
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
L
104
331K
3
390K
101K
100M
5
3
102
102K
103
5
3
5
1
0 0
10
2
(°C)
t
40
30
50
331K
70
60
80
102K
101K
390K
90
1
10
100M
10
DC CURRENT (A)
100
10-3
3
5
-2
10
35
3 5
5
5
3
-1
3
0
10
3
1
10
102
5
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
4
10
3
331K
5
3
(uH)
L
102
390K
101K
3
10
5
3
5
102K
34
5
100M


Similar Part No. - RCC0805220KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCC0805220KZF SUPERWORLD-RCC0805220KZF Datasheet
932Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCC0805220KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com