Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9501S-S20iG Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # FTM-9501S-S20iG
Description  155M Bi-directional SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9501S-S20iG Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button FTM-9501S-S20iG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9501S-S20iG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9501S-S20iG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9501S-S20iG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9501S-S20iG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9501S-S20iG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9501S-S20iG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9501S-S20iG Datasheet HTML 9Page - Source Photonics, Inc. FTM-9501S-S20iG Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
155M Bi-directional SFP Transceiver
20km point to point transmission
Jun. 12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 7 of 10
P in 10
Pin 1
P in 11
P in 20
B O T T O M VIEW
OF B OA R D
OF B OA R D
T O P VIEW
Figure 3, Pin View
Table 7– Pin Function Definitions
Pin No.
Name
Function
Plug Seq.
Notes
1
VeeT
Transmitter Ground
1
2
TX Fault
Transmitter Fault Indication
3
Note 1
3
TX Disable
Transmitter Disable
3
Note 2
4
MOD-DEF2
Module Definition 2
3
Note 3
5
MOD-DEF1
Module Definition 1
3
Note 3
6
MOD-DEF0
Module Definition 0
3
Note 3
7
Rate Select
Not Connected
3
8
LOS
Loss of Signal
3
Note 4
9
VeeR
Receiver Ground
1
10
VeeR
Receiver Ground
1
11
VeeR
Receiver Ground
1
12
RD-
Inv. Received Data Out
3
Note 5
13
RD+
Received Data Out
3
Note 5
14
VeeR
Receiver Ground
1
15
VccR
Receiver Power
2
16
VccT
Transmitter Power
2
17
VeeT
Transmitter Ground
1
18
TD+
Transmit Data In
3
Note 6
19
TD-
Inv. Transmit Data In
3
Note 6
20
VeeT
Transmitter Ground
1
Notes:
1. TX Fault is an open collector output, which should be pulled up with a 4.7k~10k
Ω resistor on the host
board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a
laser fault of some kind. In the low state, the output will be pulled to less than 0.8V.
2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the
module with a 4.7k~10k
Ω resistor. Its states are:


Similar Part No. - FTM-9501S-S20iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9501C-SL20G SOURCE-FTM-9501C-SL20G Datasheet
343Kb / 11P
   155M Bi-directional SFP Transceiver
FTM-9501C-SL20iG SOURCE-FTM-9501C-SL20iG Datasheet
368Kb / 11P
   155M Bi-directional SFP Transceiver
More results

Similar Description - FTM-9501S-S20iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9301C-SL20G SOURCE-FTM-9301C-SL20G Datasheet
343Kb / 11P
   155M Bi-directional SFP Transceiver
FTM-9301C-SL20IG SOURCE-FTM-9301C-SL20IG Datasheet
368Kb / 11P
   155M Bi-directional SFP Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CNA SOURCE-SPL-34-GB-BX-CNA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-EBX-CNA SOURCE-SPL-53-GB-EBX-CNA Datasheet
625Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com