Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCC0809121KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCC0809121KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC0809121KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCC0809121KZF Datasheet HTML 1Page - Superworld Electronics RCC0809121KZF Datasheet HTML 2Page - Superworld Electronics RCC0809121KZF Datasheet HTML 3Page - Superworld Electronics RCC0809121KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
RADIAL CHOKE COIL
1.000
0.16
2.52M
82±10%
0.89
1K
470±10%
560±10%
680±10%
1000±10%
820±10%
1K
1K
1K
1K
1.84
1.57
1.18
1.01
180±10%
220±10%
270±10%
390±10%
330±10%
100±10%
150±10%
120±10%
0.31
1K
1K
1K
1K
1K
0.61
0.69
0.53
0.38
1K
1K
1K
0.22
0.27
0.19
0.430
0.320
0.300
0.350
0.400
0.710
0.510
0.480
0.570
0.640
0.820
0.740
0.900
RCC0809120MZF
RCC0809150KZF
RCC0809100MZF
0.04
2.52M
12±20%
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
33±10%
39±10%
47±10%
68±10%
56±10%
18±10%
27±10%
22±10%
15±10%
0.07
0.10
0.11
0.14
0.08
0.06
0.06
0.05
0.05
2.52M
10±20%
0.04
2.60
1.40
1.30
1.100
1.20
1.40
1.70
1.60
2.10
2.00
2.60
Part No.
Max.
RDC
(
)
Inductance
( µH )
Test
Frequency
( Hz )
IDC
( A )
Max.
RCC0809180KZF
RCC0809220KZF
RCC0809270KZF
RCC0809330KZF
RCC0809390KZF
RCC0809470KZF
RCC0809560KZF
RCC0809680KZF
RCC0809820KZF
RCC0809101KZF
RCC0809121KZF
RCC0809151KZF
RCC0809181KZF
RCC0809221KZF
RCC0809271KZF
RCC0809331KZF
RCC0809391KZF
RCC0809471KZF
RCC0809561KZF
RCC0809821KZF
RCC0809681KZF
RCC0809102KZF
RCC0809 SERIES
01.07.2008
Natural
260°C
10s max.
180°C
90 to 120s
Pre-heating
150°C
40s max.
230°C
cooling
REFLOW SOLDERINGS
RECOMMENDED SOLDERING CONDITIONS


Similar Part No. - RCC0809121KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCC0809121KZF SUPERWORLD-RCC0809121KZF Datasheet
932Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCC0809121KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com