Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9301S-S20IG Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # FTM-9301S-S20IG
Description  155M Bi-directional SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9301S-S20IG Datasheet(HTML) 3 Page - Source Photonics, Inc.

  FTM-9301S-S20IG Datasheet HTML 1Page - Source Photonics, Inc. FTM-9301S-S20IG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9301S-S20IG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9301S-S20IG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9301S-S20IG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9301S-S20IG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9301S-S20IG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9301S-S20IG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9301S-S20IG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
155M Bi-directional SFP Transceiver
20km point to point transmission
Jun. 12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 3 of 10
Parameter
Symbol
Min.
Typical
Max.
Unit
Operating Case Temperature
TC
-40
+85
°C
Power Supply Voltage
VCC
3.13
3.3
3.47
V
Power Supply Current
ICC
300
mA
Data Rate
125/155
Mbps
Optical and Electrical Characteristics (FTM-9301S-S20iG)
Table 4– Optical and Electrical Characteristics (TC=-40 to 85°C, VCC=3.13 to 3.47V)
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter
Centre Wavelength
λC
1260
1360
nm
Average Output Power
P0ut
-14
-8
dBm
1
Spectral Width (RMS)
∆λ
2.5
7
nm
Extinction Ration
ER
10
dB
Output Optical Eye
ITU-T G.957 Compatible
2
Data Input Swing Differential
VIN
370
2000
mV
3
Input Differential Impedance
ZIN
90
100
110
Disable
2.0
Vcc+0.3
V
TX Disable
Enable
0
0.8
V
Fault
2.0
Vcc+0.3
V
TX Fault
Normal
0
0.8
V
Receiver
Centre Wavelength
λC
1480
1580
nm
Receiver Sensitivity
-32
dBm
4
Receiver Overload
-8
dBm
4
Return Loss
14
dB
LOS De-Assert
LOSD
-34
dBm
LOS Assert
LOSA
-45
dBm
LOS Hysteresis
0.5
4
dB
Data Output Swing Differential
VOUT
370
2000
mV
5
LOS
High
2.0
Vcc+0.3
V
Low
0
0.8
V
Note:
1. The optical power is launched into SMF.
2. Measured with a PRBS 2
23-1 test pattern @155Mbps.
3. Internally AC coupled and terminated.
4. Measured with PRBS 2
23-1 test pattern@155Mbps, Extinction Ration ER=10dB,BER≤1×10-10.
5. Internally AC coupled.
Optical and Electrical Characteristics (FTM-9501S-S20iG)
Table 5 –Optical and Electrical Characteristics (TC=-40 to 85°C, VCC=3.13 to 3.47V)


Similar Part No. - FTM-9301S-S20IG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9301C-SL20G SOURCE-FTM-9301C-SL20G Datasheet
343Kb / 11P
   155M Bi-directional SFP Transceiver
FTM-9301C-SL20IG SOURCE-FTM-9301C-SL20IG Datasheet
368Kb / 11P
   155M Bi-directional SFP Transceiver
More results

Similar Description - FTM-9301S-S20IG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9301C-SL20G SOURCE-FTM-9301C-SL20G Datasheet
343Kb / 11P
   155M Bi-directional SFP Transceiver
FTM-9301C-SL20IG SOURCE-FTM-9301C-SL20IG Datasheet
368Kb / 11P
   155M Bi-directional SFP Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CNA SOURCE-SPL-34-GB-BX-CNA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-EBX-CNA SOURCE-SPL-53-GB-EBX-CNA Datasheet
625Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com