Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCC1006560KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCC1006560KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC1006560KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCC1006560KZF Datasheet HTML 1Page - Superworld Electronics RCC1006560KZF Datasheet HTML 2Page - Superworld Electronics RCC1006560KZF Datasheet HTML 3Page - Superworld Electronics RCC1006560KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
RADIAL CHOKE COIL
1.30
0.320
1K
100±10%
2.200
1K
680±10%
1000±10%
820±10%
3.200
2.600
1K
1K
270±10%
560±10%
390±10%
330±10%
470±10%
180±10%
150±10%
120±10%
220±10%
0.920
1K
1.100
1.300
1.500
1.900
1K
1K
1K
1K
0.380
0.560
0.500
0.780
1K
1K
1K
1K
0.43
0.36
0.40
0.69
0.52
0.48
0.62
0.57
0.84
0.76
1.20
1.00
RCC1006330KZF
RCC1006100MZF
0.058
2.52M
15±20%
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
39±10%
47±10%
68±10%
56±10%
82±10%
18±20%
27±20%
22±20%
33±10%
0.140
0.160
0.190
0.220
0.290
0.088
0.110
0.100
0.064
2.52M
2.52M
10±20%
12±20%
0.040
0.044
2.90
1.80
1.40
1.30
1.70
1.50
2.00
2.20
2.40
2.70
3.60
3.30
Part No.
RDC
Max.
(
)
Inductance
( µH )
Test
Frequency
( Hz )
IDC
( A )
Max.
RCC1006120MZF
RCC1006150MZF
RCC1006180MZF
RCC1006220MZF
RCC1006270MZF
RCC1006390KZF
RCC1006470KZF
RCC1006560KZF
RCC1006680KZF
RCC1006820KZF
RCC1006101KZF
RCC1006121KZF
RCC1006151KZF
RCC1006181KZF
RCC1006221KZF
RCC1006271KZF
RCC1006331KZF
RCC1006391KZF
RCC1006471KZF
RCC1006561KZF
RCC1006681KZF
RCC1006821KZF
RCC1006102KZF
RCC1006 SERIES
01.07.2008
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERINGS
cooling
230°C
40s max.
150°C
Pre-heating
90 to 120s
180°C
10s max.
260°C
Natural


Similar Part No. - RCC1006560KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCC1006560KZF SUPERWORLD-RCC1006560KZF Datasheet
930Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCC1006560KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com