Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA25L-050 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA25L-050
Description  25 Watt Single and Multiple Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA25L-050 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA25L-050 Datasheet HTML 1Page - Phihong USA Inc. PSA25L-050 Datasheet HTML 2Page - Phihong USA Inc. PSA25L-050 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phihong reserves the right to make changes without further notice. Please consult Phihong USA and visit
www.phihong.com for the most up-to-date specifications.
PSA25L Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Rating
100 to 240VAC
AC Input Voltage Range
90 to 264VAC
AC Input Frequency
47 to 63Hz
Input Current
0.8-1A (rms) maximum @ 120VAC
0.4-0.5A (rms) maximum @ 240VAC
Leakage Current
<0.25mA 254VAC, 60Hz
Inrush Current
30A for 120VAC at maximum load
60A for 240VAC at maximum load
(Cold start @ ambient 25°C)
OUTPUT:
Efficiency
70% minimum
Hold-up Time
16mS minimum @ maximum load, and 120VAC 60Hz
Over-Voltage Protection
By Zener Diode Clamping
Short Circuit Protection
Output equipped with short circuit protection – auto restart
Output can be shorted permanently without damage
ENVIRONMENTAL:
Temperature
Operation
0 to +40°C
Non-operation
-25 to +75°C
Humidity
Operation
0 to 85% Non-Condensing
Non-operation
0 to 90% Non-Condensing
Emissions
Conducted:
FCC Class B
EN55022 Class B
Radiated:
FCC Class A
EN55022 Class A
Dielectric Withstand (Hi-pot) Test
Input to output: 3000VAC for 1minute 10mA
Insulation Resistance
Input to output: >10M OHM, 500VDC
Input Connector
Molex 09-50-3031 or equivalent
Output Connector
Single and Dual output:
Molex 09-50-3051 or equivalent
Single: Pin 1: NC; Pin 2, 3: COM; Pin 4, 5: V1
Dual: Pin 1: V2; Pin 2, 3: COM; Pin 4, 5: V1
Triple output:
Molex 09-50-3061or equivalent
Pin 1: V2; Pin 2, 3: V1; Pin 4, 5: COM; Pin 6: V3


Similar Part No. - PSA25L-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA25L-050 PHIHONG-PSA25L-050 Datasheet
78Kb / 3P
   25 Watt Single and Multiple Output
More results

Similar Description - PSA25L-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA25L-033 PHIHONG-PSA25L-033_14 Datasheet
78Kb / 3P
   25 Watt Single and Multiple Output
logo
SL Power Electronics
GPC80 SLPOWER-GPC80 Datasheet
332Kb / 2P
   80 Watt Global Single and Multiple Output Performance Switchers
logo
Recom International Pow...
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
   25 Watt PFC Single Output
RACT25 RECOM-RACT25 Datasheet
389Kb / 5P
   25 Watt TRIAC Dimmable Single Output
logo
SL Power Electronics
GLD140 SLPOWER-GLD140 Datasheet
141Kb / 2P
   140 Watt Multiple Output
GLD150 SLPOWER-GLD150 Datasheet
242Kb / 2P
   150 Watt Multiple Output
logo
Recom International Pow...
RAC25-K-480 RECOM-RAC25-K-480 Datasheet
4Mb / 7P
   25 Watt 3.2 x 1.8 Single Output
REV.: 0/2022
logo
CINCON ELECTRONICS Corp...
LDL25 CINCON-LDL25 Datasheet
503Kb / 2P
   25 WATT SINGLE OUTPUT LED POWER SUPPLY
logo
SL Power Electronics
MAX-500 SLPOWER-MAX-500 Datasheet
120Kb / 2P
   MAX-500 Multiple Watt Output
logo
Power-One
OBD025YGG POWER-ONE-OBD025YGG Datasheet
76Kb / 3P
   DUAL OUTPUT, 25 WATT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com