Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCB0506471KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCB0506471KZF
Description  SMD POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB0506471KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCB0506471KZF Datasheet HTML 1Page - Superworld Electronics RCB0506471KZF Datasheet HTML 2Page - Superworld Electronics RCB0506471KZF Datasheet HTML 3Page - Superworld Electronics RCB0506471KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
RCB0506 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
25.04.2008
RCB0506390KZF
RCB0506560KZF
RCB0506680KZF
RCB0506820KZF
RCB0506470KZF
Part No.
RCB05061R0MZF
RCB05061R2MZF
RCB05061R5MZF
RCB05062R2MZF
RCB05062R7MZF
RCB05063R3MZF
RCB05063R9MZF
RCB05064R7MZF
RCB05065R6KZF
RCB05061R8MZF
RCB05068R2KZF
RCB0506100KZF
RCB0506120KZF
RCB0506150KZF
RCB0506180KZF
RCB0506220KZF
RCB0506330KZF
RCB0506270KZF
RCB05066R8KZF
590
0.40
25.0
7.96
60
8.2 ±10%
2.52
50
47.0 ±10%
82.0 ±10%
68.0 ±10%
56.0 ±10%
50
50
50
2.52
2.52
2.52
39.0 ±10%
12.0 ±10%
15.0 ±10%
22.0 ±10%
33.0 ±10%
27.0 ±10%
18.0 ±10%
10.0 ±10%
50
50
60
50
2.52
2.52
2.52
2.52
60
60
60
60
2.52
2.52
2.52
2.52
370
7.0
1.00
350
340
320
5.5
6.0
6.5
1.50
1.20
1.30
390
550
500
480
460
410
430
530
8.0
7.5
9.0
10.0
0.85
0.90
0.65
0.75
15.0
11.0
13.0
20.0
0.50
0.55
0.60
0.45
6.8 ±10%
5.6 ±10%
4.7 ±20%
3.9 ±20%
3.3 ±20%
2.7 ±20%
2.2 ±20%
1.8 ±20%
1.5 ±20%
7.96
60
60
60
60
60
7.96
7.96
7.96
7.96
60
60
60
60
7.96
7.96
7.96
7.96
Inductance
1.2 ±20%
1.0 ±20%
( µH )
Min.
60
60
Q
( MHz )
7.96
7.96
Test Frequency
920
880
830
750
720
670
620
640
790
0.30
50.0
30.0
35.0
40.0
45.0
0.40
0.35
0.30
0.35
65.0
60.0
70.0
75.0
0.24
0.27
0.20
0.22
1030
980
Max.
( mA )
IDC
Min.
90.0
105.0
( MHz )
SRF
Max.
0.10
0.15
(
)
RDC
120
2.0
9.60
0.796
55
RCB0506821KZF
820.0 ±10%
0.252
1000.0 ±10%
RCB0506102KZF
55
11.50
1.8
100
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
270.0 ±10%
220.0 ±10%
180.0 ±10%
150.0 ±10%
680.0 ±10%
560.0 ±10%
470.0 ±10%
390.0 ±10%
330.0 ±10%
RCB0506331KZF
RCB0506561KZF
RCB0506681KZF
RCB0506471KZF
RCB0506391KZF
RCB0506221KZF
RCB0506271KZF
RCB0506151KZF
RCB0506181KZF
55
55
45
55
45
45
45
50
50
120.0 ±10%
100.0 ±10%
RCB0506121KZF
RCB0506101KZF
50
50
2.30
2.50
2.75
2.10
6.00
6.50
8.50
9.00
4.68
2.4
2.2
3.0
2.8
3.8
3.6
3.3
4.2
4.4
135
125
150
140
200
180
165
235
275
1.90
1.70
5.0
4.8
305
290
RADIAL CHOKE COIL


Similar Part No. - RCB0506471KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB0506471KZF SUPERWORLD-RCB0506471KZF Datasheet
915Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCB0506471KZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com