Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB1108561MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PSB1108561MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PSB1108561MZF Datasheet(HTML) 2 Page - Superworld Electronics

  PSB1108561MZF Datasheet HTML 1Page - Superworld Electronics PSB1108561MZF Datasheet HTML 2Page - Superworld Electronics PSB1108561MZF Datasheet HTML 3Page - Superworld Electronics PSB1108561MZF Datasheet HTML 4Page - Superworld Electronics PSB1108561MZF Datasheet HTML 5Page - Superworld Electronics PSB1108561MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PSB1108 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
PSB1108271MZF
PSB1108560MZF
PSB1108121MZF
PSB1108221MZF
PSB1108181MZF
PSB1108151MZF
PSB1108820MZF
PSB1108101MZF
PSB1108680MZF
27.0±20%
PSB1108270MZF
PSB1108390MZF
PSB1108470MZF
PSB1108330MZF
PSB1108220MZF
PSB1108150MZF
PSB1108180MZF
22.0±20%
15.0±20%
18.0±20%
PSB1108100MZF
PSB1108120MZF
Part No.
10.0±20%
12.0±20%
Inductance
( µH )
1V / 1K
0.90
1.85
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1.30
1.20
0.95
1.00
1.50
1.40
1.65
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
2.40
1.95
2.10
2.30
3.10
2.60
3.00
0.08
0.09
1V / 1K
1V / 1K
Irms
RDC
( A )
Max.
3.50
3.40
0.06
0.07
(
)
Max.
PSB1108681MZF
PSB1108102MZF
PSB1108122MZF
PSB1108821MZF
PSB1108471MZF
PSB1108561MZF
PSB1108391MZF
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
PSB1108331MZF
1V / 1K
0.50
0.46
0.35
0.48
0.60
0.65
0.75
0.80
( Hz )
Frequency
Test
82.0±20%
68.0±20%
56.0±20%
39.0±20%
47.0±20%
33.0±20%
270.0±20%
220.0±20%
180.0±20%
120.0±20%
150.0±20%
100.0±20%
820.0±20%
680.0±20%
560.0±20%
390.0±20%
470.0±20%
330.0±20%
1000.0±20%
1200.0±20%
0.10
0.19
0.17
0.12
0.14
0.11
0.47
0.40
0.25
0.35
0.22
1.30
1.15
0.73
0.97
0.63
3.00
2.55
1.90
2.45
1.48
3.50
3.30
3.60
4.10
4.30
4.90
5.60
6.00
Isat
Max.
( A )
1.40
1.50
2.80
1.70
1.80
2.00
2.30
2.50
3.00
0.96
0.73
0.80
0.87
1.00
1.20
1.30
0.54
0.60
0.66


Similar Part No. - PSB1108561MZF

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB112 POWERSEM-PSB112 Datasheet
181Kb / 2P
   Single Phase Rectifier Bridges
More results

Similar Description - PSB1108561MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com