Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA20U-560 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA20U-560
Description  19.6W Power Over Ethernet Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA20U-560 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA20U-560 Datasheet HTML 1Page - Phihong USA Inc. PSA20U-560 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WWW.PHIHONG.COM
19.6W Power Over Ethernet Adapter
PSA20U High Power single port injector.
Features
Fully Compliant detection, disconnect, over
load and voltage control IEEE802.3af
UNH IOL Test Report
Diagnostic LEDs
Full Protection OCP, OVP
Non-Vented Case
Gigabit Compatible
Applications
IP Telephones
Security Camera
Wireless Network Access Points
IP Print Servers
Blue Tooth Access Point
Safety Approvals
cUL/UL
TUV
CE
Mechanical Characteristics
Length: 140mm (5.51in)
Height: 36mm (1.42in)
Width: 65mm (2.55in)
Weight: 0.2Kg (0.44lb.)
Output Specifications
Ripple And Noise*
Vp-p*
<500Hz
0.5
500Hz-150KHz
0.15
150KHz-500KHz
0.15
500KHz-1MHz
0.1
*As per IEEE802.3af Table 33-5.
Phihong is not responsible for any error and change. Content is subject to change without notice. Please consult the factory and
visit www.phihong.com for the most up-to-date specifications.
Model
DC Output
Voltage
Load
Regulation
Min.
Max.
Line
Load
PSA20U-560(G)
56V
0A
0.35A
±4%


Similar Part No. - PSA20U-560

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA2000C ZCOMM-PSA2000C Datasheet
168Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
logo
Chongqing Pingwei Enter...
PSA2045L CHONGQING-PSA2045L Datasheet
182Kb / 1P
   20.0AMPS. LOW VF MOS SCHOTTKY BARRIER RECTIFIERS
PSA2060L CHONGQING-PSA2060L Datasheet
182Kb / 1P
   20.0AMPS. LOW VF MOS SCHOTTKY BARRIER RECTIFIERS
PSA2060LT CHONGQING-PSA2060LT Datasheet
182Kb / 1P
   20.0AMPS. LOW VF MOS SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - PSA20U-560

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE20U-560 PHIHONG-POE20U-560_14 Datasheet
81Kb / 3P
   19.6W Power over Ethernet Adapter
POE20D-1AF PHIHONG-POE20D-1AF Datasheet
113Kb / 3P
   19.6W Power over Ethernet Adapter
POE20U-560 PHIHONG-POE20U-560 Datasheet
99Kb / 3P
   19.6W Power Over Ethernet Adapter
POE20D-1AF PHIHONG-POE20D-1AF_18 Datasheet
393Kb / 4P
   19.6W Power over Ethernet Adapter DC Input Single Port Injector
POE21U-1AF PHIHONG-POE21U-1AF Datasheet
168Kb / 2P
   19.6W Single Port Power over Ethernet Midspan
POE36D-1AT PHIHONG-POE36D-1AT Datasheet
184Kb / 3P
   33.6W Power over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT Datasheet
110Kb / 4P
   30W Power Over Ethernet Adapter
POE60U-560G PHIHONG-POE60U-560G Datasheet
125Kb / 3P
   60W Power Over Ethernet Adapter
POE80U-560G PHIHONG-POE80U-560G_11 Datasheet
90Kb / 3P
   80W Power over Ethernet Adapter
POE30U-560 PHIHONG-POE30U-560 Datasheet
96Kb / 3P
   30W Power Over Ethernet Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com