Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCB1112102KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCB1112102KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB1112102KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCB1112102KZF Datasheet HTML 1Page - Superworld Electronics RCB1112102KZF Datasheet HTML 2Page - Superworld Electronics RCB1112102KZF Datasheet HTML 3Page - Superworld Electronics RCB1112102KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
RCB1112 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
25.04.2008
RADIAL CHOKE COIL
0.200
0.120
0.420
0.510
0.250
9.400
5.600
3.700
0.790
1.300
2.900
1.700
15.000
12.000
100.0 ±10%
220.0 ±10%
470.0 ±10%
330.0 ±10%
150.0 ±10%
680.0 ±10%
1500.0 ±10%
1000.0 ±10%
3300.0 ±10%
6800.0 ±10%
4700.0 ±10%
2200.0 ±10%
10000.0 ±10%
15000.0 ±10%
RCB1112152KZF
RCB1112332KZF
RCB1112472KZF
RCB1112682KZF
RCB1112222KZF
RCB1112103KZF
RCB1112153KZF
RCB1112101KZF
RCB1112221KZF
RCB1112331KZF
RCB1112471KZF
RCB1112151KZF
RCB1112681KZF
RCB1112102KZF
1.30
1V/252K
30
1V/1K
60
1V/1K
1V/1K
1V/1K
70
80
1V/1K
1V/1K
1V/1K
50
50
60
0.65
1V/252K
1V/79.6K
1V/79.6K
0.41
0.53
1V/252K
1V/252K
1V/252K
0.90
0.76
1.10
40
1V/1K
1V/1K
1V/1K
1V/1K
30
40
30
1V/1K
1V/1K
1V/1K
40
70
70
2.70
1V/796K
1V/796K
1V/252K
1V/796K
1.90
1.60
2.30
1V/796K
1V/796K
1V/796K
3.40
5.40
4.30
0.250
0.120
0.100
0.082
0.170
0.140
0.210
0.550
0.460
0.380
0.310
0.8
1.000
0.680
0.820
RDC
(
)
0.008
0.009
0.015
0.012
0.026
0.045
0.019
0.056
0.092
Max.
( µH )
Inductance
3.3 ±20%
6.8 ±20%
4.7 ±20%
15.0 ±20%
33.0 ±10%
22.0 ±10%
10.0 ±20%
47.0 ±10%
68.0 ±10%
RCB11124R7MZF
RCB11126R8MZF
RCB1112150MZF
RCB1112220KZF
RCB1112330KZF
RCB1112100MZF
RCB1112470KZF
RCB1112680KZF
Part No.
RCB11123R3MZF
45.00
1V/7.96M
100
1V/1K
110
1V/1K
1V/1K
90
80
100
1V/1K
1V/1K
1V/1K
140
120
80
14.00
1V/2.52M
1V/2.52M
1V/2.52M
1V/2.52M
8.30
6.70
10.00
1V/2.52M
1V/2.52M
1V/7.96M
26.00
19.00
34.00
1V/1K
Ref.
90
Q
( MHz )
( Hz )
1V/7.96M
Test
Frequency
Typ.
59.00
SRF
4.700
2.200
1.800
1.500
1.200
0.6
3.900
2.600
3.200
0.7
5.600
Max.
IDC
( A )
0.8
m/m
ØW
Test
Frequency
( Hz )
1V/1K
1V/1K
* Lead : Ø0.6 ~ Ø0.8mm Soldering Copper Wire ( 3.3uH - 47uH )
Lead : Ø0.8mm Tinned Copper Wire ( 68uH - 15mH )
RECOMMENDED SOLDERING CONDITIONS
40s max.
180°C
230°C
150°C
Pre-heating
90 to 120s
REFLOW SOLDERINGS
260°C
10s max.
Natural
cooling


Similar Part No. - RCB1112102KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1112102KZF SUPERWORLD-RCB1112102KZF Datasheet
923Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCB1112102KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com