Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCC0605 Datasheet(PDF) 2 Page - Superworld Electronics

Part No. RCC0605
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC0605 Datasheet(HTML) 2 Page - Superworld Electronics

  RCC0605 Datasheet HTML 1Page - Superworld Electronics RCC0605 Datasheet HTML 2Page - Superworld Electronics RCC0605 Datasheet HTML 3Page - Superworld Electronics RCC0605 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
RADIAL CHOKE COIL
0.32
1K
1.15
180±10%
470±10%
560±10%
820±10%
680±10%
1000±10%
220±10%
390±10%
330±10%
270±10%
1K
2.92
4.57
5.28
7.06
3.97
1K
1K
1K
1K
1.55
2.18
2.47
1.30
1K
1K
1K
1K
0.20
0.16
0.13
0.15
0.18
0.21
0.23
0.26
0.29
RCC0605270KZF
RCC0605220KZF
Part No.
2.52M
0.21
27±10%
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
68±10%
100±10%
82±10%
150±10%
120±10%
39±10%
56±10%
47±10%
33±10%
0.48
0.55
0.77
0.95
0.68
1K
1K
1K
0.34
0.42
0.29
0.27
Test
2.52M
( Hz )
Frequency
22±10%
( µH )
Inductance
RDC
0.18
Max.
(
)
0.81
0.51
0.39
0.35
0.47
0.42
0.62
0.57
0.74
0.68
Max.
0.90
IDC
( A )
RCC0605330KZF
RCC0605390KZF
RCC0605470KZF
RCC0605560KZF
RCC0605680KZF
RCC0605820KZF
RCC0605101KZF
RCC0605121KZF
RCC0605151KZF
RCC0605181KZF
RCC0605221KZF
RCC0605271KZF
RCC0605331KZF
RCC0605391KZF
RCC0605471KZF
RCC0605561KZF
RCC0605681KZF
RCC0605821KZF
RCC0605102KZF
RCC0605 SERIES
01.07.2008
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERINGS
cooling
230°C
40s max.
150°C
Pre-heating
90 to 120s
180°C
10s max.
260°C
Natural


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
18403Radial Leads Inductors Choke Coil 1 2 Frontier Electronics.
RCB0610RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
RCB0710RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
RCB0810RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
RCB0812RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
RCB0912RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
RCB1112RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
RCB1620RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
18401Radial Leads Inductors Choke Coil 1 2 Frontier Electronics.
RCB1823RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn