Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCB1620 Datasheet(PDF) 1 Page - Superworld Electronics

Part No. RCB1620
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB1620 Datasheet(HTML) 1 Page - Superworld Electronics

  RCB1620 Datasheet HTML 1Page - Superworld Electronics RCB1620 Datasheet HTML 2Page - Superworld Electronics RCB1620 Datasheet HTML 3Page - Superworld Electronics RCB1620 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 100 = 10uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
15.0±5.0
ØA
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(b) Wire : Enamelled Copper Wire
(c) Lead : Tinned Copper Wire
(d) Tube : Shrinkable Tube
3. SCHEMATIC :
(d) Tolerance code : K = ±10%, M = ±20%
(e) X, Y, Z : Standard part
5. GENERAL SPECIFICATION :
c) Storage temp. : -40°C to +125°C
b) Temp. rise : 45°C at rated current
a) The inductance drop at rated current is 10% max.
RCB1620 SERIES
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
25.04.2008
E
F
3.0 Max.
8.0±1.5
16.0 Max.
1.0±0.1
Unit:m/m
a
b
ØW
c
(f)
(f) F : Lead Free
20.0 Max.
RADIAL CHOKE COIL
C
E
B
d
d) Operating temp. : -25°C to +80°C
R C B 1 6 2 0 1 0 0 M Z F


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
18403Radial Leads Inductors Choke Coil 1 2 Frontier Electronics.
RCB0610RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
RCB0710RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
RCB0810RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
RCB0812RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
RCB0912RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
RCB1112RADIAL CHOKE COIL 1 2 3 4 Superworld Electronics
18401Radial Leads Inductors Choke Coil 1 2 Frontier Electronics.
18402Radial Leads Inductors Choke Coil 1 2 Frontier Electronics.
CPFC75DC COMMON MODE CHOKE COIL 1 Sumida Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn