Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB1003820LZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PSB1003820LZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PSB1003820LZF Datasheet(HTML) 2 Page - Superworld Electronics

  PSB1003820LZF Datasheet HTML 1Page - Superworld Electronics PSB1003820LZF Datasheet HTML 2Page - Superworld Electronics PSB1003820LZF Datasheet HTML 3Page - Superworld Electronics PSB1003820LZF Datasheet HTML 4Page - Superworld Electronics PSB1003820LZF Datasheet HTML 5Page - Superworld Electronics PSB1003820LZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PSB1003 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
PSB10033R9MZF
3.9±20%
PSB1003220LZF
22.0±15%
PSB1003330LZF
PSB1003390LZF
PSB1003270LZF
PSB1003560LZF
PSB1003820LZF
PSB1003680LZF
PSB1003470LZF
47.0±15%
68.0±15%
82.0±15%
56.0±15%
33.0±15%
39.0±15%
27.0±15%
PSB10036R8MZF
PSB1003100MZF
PSB10034R7MZF
PSB1003150MZF
PSB1003180LZF
PSB1003120MZF
15.0±20%
18.0±15%
12.0±20%
6.8±20%
10.0±20%
4.7±20%
PSB10031R8MZF
PSB10032R7MZF
Inductance
Part No.
1.8±20%
2.7±20%
( µH )
3.15
35
1V / 100K
1.60
140
1V / 100K
1.00
280
1V / 100K
1V / 100K
1V / 100K
1V / 100K
0.85
370
430
0.75
320
0.90
1V / 100K
1V / 100K
1V / 100K
1.20
210
235
1.10
160
1.40
1V / 100K
1V / 100K
1V / 100K
1.75
100
110
1.70
80
2.00
1V / 100K
1V / 100K
1V / 100K
50
60
2.35
2.20
40
3.00
Max.
IDC
RDC
1V / 100K
1V / 100K
4.00
27
30
3.65
( m )
Max.
( A )
0.30
2050
1V / 100K
PSB1003471KZF
470.0±10%
680.0±10%
820.0±10%
1000.0±10%
560.0±10%
PSB1003102KZF
PSB1003561KZF
PSB1003821KZF
PSB1003681KZF
7000
1V / 100K
1V / 100K
1V / 100K
1V / 100K
3240
3700
2890
0.24
0.27
0.25
0.29
180.0±10%
270.0±10%
220.0±10%
120.0±10%
150.0±10%
390.0±10%
330.0±10%
PSB1003271KZF
PSB1003391KZF
PSB1003331KZF
PSB1003151KZF
PSB1003121KZF
PSB1003181KZF
PSB1003221KZF
1V / 100K
1V / 100K
1V / 100K
1640
1790
1240
1V / 100K
1V / 100K
1V / 100K
1V / 100K
960
1100
730
640
100.0±10%
PSB1003101KZF
1V / 100K
560
0.38
0.35
0.45
0.50
0.48
0.55
0.60
0.70
( Hz )
Frequency
Test


Similar Part No. - PSB1003820LZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PSB1004 SUPERWORLD-PSB1004 Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1004100MZF SUPERWORLD-PSB1004100MZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1004101KZF SUPERWORLD-PSB1004101KZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1004102KZF SUPERWORLD-PSB1004102KZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1004120MZF SUPERWORLD-PSB1004120MZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PSB1003820LZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com