Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB1108560MZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # PSB1108560MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PSB1108560MZF Datasheet(HTML) 1 Page - Superworld Electronics

  PSB1108560MZF Datasheet HTML 1Page - Superworld Electronics PSB1108560MZF Datasheet HTML 2Page - Superworld Electronics PSB1108560MZF Datasheet HTML 3Page - Superworld Electronics PSB1108560MZF Datasheet HTML 4Page - Superworld Electronics PSB1108560MZF Datasheet HTML 5Page - Superworld Electronics PSB1108560MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P S B 1 1 0 8 - 1 0 0 M Z F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 1001 = 10.0uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
8.40 Max.
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(b) Base : LCP
(c) Wire : Enamelled Copper Wire
(d) Adhesive : Epoxy
3. SCHEMATIC :
(d) Tolerance code : M = ±20%
(e) X, Y, Z : Standard part
5. GENERAL SPECIFICATION :
e) Resistance to solder heat : 260°C.10 secs
d) Operating temp. : -40°C to +85°C
c) Storage temp. : -40°C to +125°C
b) Temp. rise : 40°C Max. at Irms
a) L/L0A = 5% Max. at Isat
PSB1108 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
05.05.2008
PCB Pattern
4.00 Ref.
DE
F
2.54 Ref.
6.10 Ref.
14.00 Max.
11.70 Max.
5.00 Ref.
3.20 Ref.
GH
I
5.40 Ref.
Unit:m/m
b
(e) Adhesive : Epoxy
a
c
(f)
(f) F : Lead Free
f
(f) Ink : Bon Margue
B
C
D
H
d
e


Similar Part No. - PSB1108560MZF

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB112 POWERSEM-PSB112 Datasheet
181Kb / 2P
   Single Phase Rectifier Bridges
More results

Similar Description - PSB1108560MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com