Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB06036R8MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PSB06036R8MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PSB06036R8MZF Datasheet(HTML) 2 Page - Superworld Electronics

  PSB06036R8MZF Datasheet HTML 1Page - Superworld Electronics PSB06036R8MZF Datasheet HTML 2Page - Superworld Electronics PSB06036R8MZF Datasheet HTML 3Page - Superworld Electronics PSB06036R8MZF Datasheet HTML 4Page - Superworld Electronics PSB06036R8MZF Datasheet HTML 5Page - Superworld Electronics PSB06036R8MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PSB0603 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
PSB0603820KZF
82.0±10%
18.0±20%
PSB0603180MZF
39.0±10%
PSB0603390KZF
PSB0603680KZF
PSB0603560KZF
PSB0603470KZF
68.0±10%
56.0±10%
47.0±10%
PSB0603270MZF
PSB0603330KZF
PSB0603220MZF
27.0±20%
33.0±10%
22.0±20%
6.8±20%
PSB06036R8MZF
PSB0603120MZF
PSB0603150MZF
PSB0603100MZF
12.0±20%
15.0±20%
10.0±20%
PSB06034R7MZF
PSB06032R2MZF
PSB06033R3MZF
4.7±20%
2.2±20%
3.3±20%
PSB06031R2MZF
PSB06031R5MZF
Part No.
1.2±20%
1.5±20%
Inductance
( µH )
1V / 100K
50
11.0
0.50
730
230
30.0
1.05
1V / 100K
30
25
20.0
1V / 100K
1V / 100K
1V / 100K
1V / 100K
40
40
40
13.0
15.0
16.0
1V / 100K
1V / 100K
1V / 100K
30
35
30
27.0
22.0
28.0
410
0.80
0.75
0.60
0.70
710
620
430
0.95
0.90
1.00
350
380
250
45.0
1V / 100K
30
1V / 100K
1V / 100K
1V / 100K
30
25
25
33.0
32.0
35.0
1V / 100K
1V / 100K
1V / 100K
25
30
30
60.0
85.0
70.0
90
1.65
1.15
1.20
1.45
150
180
115
2.30
1.85
2.00
65
30
55
SRF
1V / 100K
1V / 100K
30
30
Q
Ref.
150.0
135.0
( MHz )
Typ.
IDC
RDC
( A )
Max.
2.80
2.60
25
28
( m )
Max.
4400
0.22
4.8
1V / 100K
60
470.0±10%
PSB0603471KZF
680.0±10%
820.0±10%
1000.0±10%
560.0±10%
PSB0603102KZF
PSB0603681KZF
PSB0603821KZF
PSB0603561KZF
1V / 100K
60
60
60
60
1V / 100K
1V / 100K
1V / 100K
13500
0.14
3.5
6800
4.0
3.8
12000
4.4
6200
0.18
0.16
0.20
150.0±10%
220.0±10%
180.0±10%
120.0±10%
330.0±10%
390.0±10%
270.0±10%
PSB0603221KZF
PSB0603331KZF
PSB0603391KZF
PSB0603271KZF
PSB0603151KZF
PSB0603181KZF
PSB0603121KZF
1V / 100K
55
50
50
55
1V / 100K
1V / 100K
1V / 100K
50
50
40
1V / 100K
1V / 100K
1V / 100K
100.0±10%
PSB0603101KZF
45
1V / 100K
2960
0.30
7.0
3800
6.0
5.0
4000
6.5
3450
0.26
0.24
0.28
8.0
1950
9.5
9.0
1800
1180
0.35
0.40
0.45
10.0
1050
0.48
( Hz )
Frequency
Test


Similar Part No. - PSB06036R8MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PSB0602 SUPERWORLD-PSB0602 Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602100MZF SUPERWORLD-PSB0602100MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602102MZF SUPERWORLD-PSB0602102MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602150MZF SUPERWORLD-PSB0602150MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602151MZF SUPERWORLD-PSB0602151MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - PSB06036R8MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com