Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-8012S-GG Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # FTM-8012S-GG
Description  1.0625節?.25Gbps GBIC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-8012S-GG Datasheet(HTML) 4 Page - Source Photonics, Inc.

  FTM-8012S-GG Datasheet HTML 1Page - Source Photonics, Inc. FTM-8012S-GG Datasheet HTML 2Page - Source Photonics, Inc. FTM-8012S-GG Datasheet HTML 3Page - Source Photonics, Inc. FTM-8012S-GG Datasheet HTML 4Page - Source Photonics, Inc. FTM-8012S-GG Datasheet HTML 5Page - Source Photonics, Inc. FTM-8012S-GG Datasheet HTML 6Page - Source Photonics, Inc. FTM-8012S-GG Datasheet HTML 7Page - Source Photonics, Inc. FTM-8012S-GG Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1.25G GBIC Transceiver
550m transmission, RoHS compliance
April. 26, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 4 of 4
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 4/27/2006 9:53 AM
EEPROM Information
The SFF-8053 defines a 256-byte memory map in EEPROM describing the transceiver’s capabilities,
standard interfaces, manufacturer, and other information, which is accessible over a 2 wire serial interface at
the 8-bit address 1010000X (A0h). The memory contents refer to Table 5
Table 5 - EEPROM Serial ID Memory Contents (A0h)
Addr.
Field Size
(Bytes)
Name of Field
Hex
Description
0
1
Identifier
01
GBIC
1
1
Ext. Identifier 04
MOD4
2
1
Connector
01
SC
3—10
8
Transceiver
00 00 00 01 20 40 0C 01
Transmitter Code
11
1
Encoding
01
8B10B
12
1
BR, nominal
0D
1.25Gbps
13
1
Reserved
00
14
1
Length (9um)-km 00
15
1
Length (9um) 00
16
1
Length (50um) 37
550m
17
1
Length (62.5um) 1B
270m
18
1
Length (copper) 00
19
1
Reserved
00
20—35
16
Vendor name
46 49 42 45 52 58 4F 4E
20 49 4E 43 2E 20 20 20
“FIBERXON INC. “(ASCⅡ)
36
1
Reserved
00
37—39
3
Vendor OUI
00 00 00
40—55
16
Vendor PN
46 54 4D 2D 38 30 31 32
53 2D 47 47 20 20 20 20
“FTM-8012S-GG ” (ASCⅡ)
56—59
4
Vendor rev
xx xx xx xx
ASC (
“31 30 20 20” means 1.0 revision)
60-61
2
Reserved
00 00
62
1
Reserved
00
63
1
CC BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
00
67
1
BR, min
00
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASCⅡ
84—91
8
Vendor date codexx xx xx xx xx xx 20 20
Year (2 bytes), Month (2 bytes), Day (2 bytes)
92—94
1
Reserved
00
95
1
CC_EXT
xx
Check sum of bytes 64 - 94
96—255
160
Vendor specific
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the
related document of SFF-8053 Rev 5.5.


Similar Part No. - FTM-8012S-GG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
FTM-8025C-FBG SOURCE-FTM-8025C-FBG Datasheet
234Kb / 8P
   1~2.5Gbps 850nm SFF 2횞5 Transceiver
More results

Similar Description - FTM-8012S-GG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3012S-GG SOURCE-FTM-3012S-GG Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
FTM-5012S-G50G SOURCE-FTM-5012S-G50G Datasheet
232Kb / 9P
   1.0625節?.25Gbps GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com