Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-311XC-L10DG Datasheet(PDF) 11 Page - Source Photonics, Inc.

Part # FTM-311XC-L10DG
Description  10G 1310nm SFP Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-311XC-L10DG Datasheet(HTML) 11 Page - Source Photonics, Inc.

Back Button FTM-311XC-L10DG Datasheet HTML 5Page - Source Photonics, Inc. FTM-311XC-L10DG Datasheet HTML 6Page - Source Photonics, Inc. FTM-311XC-L10DG Datasheet HTML 7Page - Source Photonics, Inc. FTM-311XC-L10DG Datasheet HTML 8Page - Source Photonics, Inc. FTM-311XC-L10DG Datasheet HTML 9Page - Source Photonics, Inc. FTM-311XC-L10DG Datasheet HTML 10Page - Source Photonics, Inc. FTM-311XC-L10DG Datasheet HTML 11Page - Source Photonics, Inc. FTM-311XC-L10DG Datasheet HTML 12Page - Source Photonics, Inc. FTM-311XC-L10DG Datasheet HTML 13Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
10G 1310nm SFP+ Transceiver
Up to 10Km transmission
Preliminary Datasheet
Nov. 30, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 11 of 13
Table 7 – Pin Function Definitions
Pin
Logic
Symbol
Name/Description
Note
1
VeeT
Module Transmitter Ground
1
2
LVTTL-O
TX_Fault
Module Transmitter Fault
2
3
LVTTL-I TX_DISABLE Transmitter Disable; Turns off transmitter laser output
3
4
LVTTL-I/O
SDL
2-Wire Serial Interface Data Line (MOD-DEF2)
5
LVTTL-I/O
SCL
2-Wire Serial Interface Clock (MOD-DEF1)
6
MOD_ABS Module Absent, connected to VeeT or VeeR in the module
3
7
LVTTL-I
RS0
Rate Select 0, optionally controls SFP+ module receiver as the
following when HIGH input data rate>4.25 Gb/s and when LOW
input data rate ≤4.25 Gb/s.
8
LVTTL-O
RX_LOS
Receiver Loss of Signal Indication (in FC designated as RX_LOS,
in SONET designated as LOS, and in Ethernet designated as
NOT Signal Detect)
2
9
LVTTL-I
RS1
Rate Select 1, optionally controls SFP+ module transmitter as the
following when HIGH input data rate>4.25 Gb/s and when LOW
input data rate ≤4.25 Gb/s.
10
VeeR
Module Receiver Ground
1
11
VeeR
Module Receiver Ground
1
12
CML-O
RD-
Receiver Inverted Data Output
13
CML-O
RD+
Receiver Non-Inverted Data Output
14
VeeR
Module Receiver Ground
1
15
VccR
Module Receiver 3.3 V Supply
16
VccT
Module Transmitter 3.3 V Supply
17
VeeT
Module Transmitter Ground
1
18
CML-I
TD+
Transmitter Non-Inverted Data Input
19
CML-I
TD-
Transmitter Inverted Data Input
20
VeeT
Module Transmitter Ground
1
Notes:
1. The module ground pins, VeeR and VeeT, shall be isolated from the module case.
2. This pin is an open collector/drain output pin and shall be pulled up with 4.7K-10Kohms to a Host_Vcc on the host
board.
3. Shall be pulled up with 4.7K-10Kohms to VccT in the module.
4. This pin is an open collector/drain input pin and shall be pulled up with 4.7K-10Kohms to VccT in the module.


Similar Part No. - FTM-311XC-L10DG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-311XC-L03G SOURCE-FTM-311XC-L03G Datasheet
281Kb / 13P
   10G 1310nm LRM SFP Transceiver
More results

Similar Description - FTM-311XC-L10DG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-311XC-L03G SOURCE-FTM-311XC-L03G Datasheet
281Kb / 13P
   10G 1310nm LRM SFP Transceiver
FTM-33X1C-X10G SOURCE-FTM-33X1C-X10G Datasheet
283Kb / 11P
   10G 1310nm XFP Transceiver
logo
OPLINK Communications I...
S0297-TPP4XGFLRXG OPLINK-S0297-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
TPP4XGFLRXG OPLINK-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
logo
ATGBICS by Approved Tec...
SFP-10G-LR-C ATGBICS-SFP-10G-LR-C Datasheet
570Kb / 10P
   SFP-10G-LR Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
10G-SFP-LR-C ATGBICS-10G-SFP-LR-C Datasheet
366Kb / 10P
   10G-SFP-LR Myricom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
logo
Level One
XFP-5211 LVL1-XFP-5211 Datasheet
268Kb / 4P
   10G SMF XFP Transceiver 10km 1310nm
logo
Source Photonics, Inc.
FTM-811XC-L03DG SOURCE-FTM-811XC-L03DG Datasheet
260Kb / 13P
   10G 850nm SFP Transceiver
logo
ATGBICS by Approved Tec...
SFP-10G-LR-S-C ATGBICS-SFP-10G-LR-S-C Datasheet
570Kb / 10P
   SFP-10G-LR-S Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AL-SFP-10G-LR-C ATGBICS-AL-SFP-10G-LR-C Datasheet
570Kb / 10P
   AL-SFP-10G-LR Alcatel Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com