Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA10A-120 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA10A-120
Description  10 Watt Adapter - Compact Shirt Pocket Size
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA10A-120 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA10A-120 Datasheet HTML 1Page - Phihong USA Inc. PSA10A-120 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WWW.PHIHONG.COM
10 Watt Adapter - Compact Shirt Pocket Size
PSA10A Flip Plug Series
Model
DC Output
Load
Ripple(1)
Regulation
Voltage
Min.
Max.
P-P (max)
Line
Load
PSA10A-050
PSA10A-090
PSA10A-120
PSA10A-150
PSA10A-240
+2%
+2%
+2%
+2%
+2%
Output Specifications
Mechanical Characteristics
Dimensions: • Length: 85mm (3.35in)
• Height: 19.8mm (0.78in)
• Width: 54mm (2.1in)
• Weight: 120gm (4.2oz)
Safety Approvals Pending
• cUL 1950, Class II
Applications
• Notebook Computers
• Peripherals
• Portable Equipment
• Networking
Features
• 3 Position Folding Plug
• Double Insulated
• Plug Retracts in Case
• Fits Strips or Flat
• Splash Guard Case
• Power on LED
(1) Measured at full load by using a 12 inch twisted pair terminated with a 10mfd capacitor and a 0.1mfd
ceramic in parallel
5.0V
9.0V
12V
15V
24V
0A
0A
0A
0A
0A
2.0A
1.1A
0.83A
0.67A
0.42A
60mV
90mV
120mV
150mV
240mV
+5%
+3%
+3%
+3%
+3%


Similar Part No. - PSA10A-120

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PSA100HA2B404 THINKING-PSA100HA2B404 Datasheet
479Kb / 9P
   Motor Starter
PSA100HA2B405 THINKING-PSA100HA2B405 Datasheet
479Kb / 9P
   Motor Starter
PSA100HAGB304 THINKING-PSA100HAGB304 Datasheet
479Kb / 9P
   Motor Starter
PSA100MA2B404 THINKING-PSA100MA2B404 Datasheet
479Kb / 9P
   Motor Starter
PSA100MA2B405 THINKING-PSA100MA2B405 Datasheet
479Kb / 9P
   Motor Starter
More results

Similar Description - PSA10A-120

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA05F-050Q PHIHONG-PSA05F-050Q Datasheet
118Kb / 2P
   5 WATT - COMPACT FOLDING BLADE ADAPTER
PSM04A-050 PHIHONG-PSM04A-050 Datasheet
133Kb / 2P
   4 Watt Flip-Plug Compact Adapter
logo
Bothhand USA, LP.
M2-10US05 BOTHHAND-M2-10US05 Datasheet
255Kb / 2P
   10-15 Watt Switching Adapter
logo
Astrodyne Corporation
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
logo
List of Unclassifed Man...
AOC-CTG-I1S ETC2-AOC-CTG-I1S Datasheet
368Kb / 1P
   Compact and Powerful 10 Gigabit Ethernet Adapter
logo
Volgen Kaga Electronics...
KUSB1052 VOLGEN-KUSB1052 Datasheet
69Kb / 2P
   10 WATT, Universal Input Wall-mount Adapter
logo
Astrodyne Corporation
AHP1001A-01 ASTRODYNE-AHP1001A-01 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
logo
PHOENIX CONTACT
2902748 PHOENIX-2902748 Datasheet
56Kb / 3P
   Adapter - EM RI-ADAPTER COMPACT
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
   Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com