Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-43-48H-HP-TDE Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # SPS-43-48H-HP-TDE
Description  1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-HP-TDE Datasheet(HTML) 6 Page - Source Photonics, Inc.

  SPS-43-48H-HP-TDE Datasheet HTML 1Page - Source Photonics, Inc. SPS-43-48H-HP-TDE Datasheet HTML 2Page - Source Photonics, Inc. SPS-43-48H-HP-TDE Datasheet HTML 3Page - Source Photonics, Inc. SPS-43-48H-HP-TDE Datasheet HTML 4Page - Source Photonics, Inc. SPS-43-48H-HP-TDE Datasheet HTML 5Page - Source Photonics, Inc. SPS-43-48H-HP-TDE Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-HP-TDE Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-HP-TDE Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-HP-TDE Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
1490nm/1310nm Single Fiber OLT Transceiver
Preliminary Datasheet
SPS-43-48H-HP-xDE (x=C, R, T)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS2036-FEB1108
rev. 0.2 SHORT FORM
LUMINENTOIC.COM
DEC
Addr.
HEX
Addr.
Field Size
(bytes)
Name
Default Value
Description
0
00
2
Temp High Alarm
xx xxh
Temperature high alarm threshold
2
02
2
Temp Low Alarm
xx xxh
Temperature low alarm threshold
4
04
2
Temp High Warning
xx xxh
Temperature high warning threshold
6
06
2
Temp Low Warning
xx xxh
Temperature low warning threshold
8
08
2
Voltage High Alarm
94 70h
3.8V
10
0A
2
Voltage Low Alarm
6D 60h
2.8V
12
0C
2
Voltage High Warning
8C A0h
3.6V
14
0E
2
Voltage Low Warning
75 30h
3.0V
16
10
2
Bias High Alarm
83 81h
110mA
18
12
2
Bias Low Alarm
02 64h
2mA
20
14
2
Bias High Warning
77 8Ch
100mA
22
16
2
Bias Low Warning
03 96h
3mA
24
18
2
TX Power High Alarm
xx xxh
+5.5 dBm
26
1A
2
TX Power Low Alarm
xx xxh
+0.5dBm
28
1C
2
TX Power High Warning
xx xxh
+5.0dBm
30
1E
2
TX Power Low Warning
xx xxh
+1.0dBm
32
20
2
RX Power High Alarm
FF FFh
No alarm
34
22
2
RX Power Low Alarm
00 00h
No alarm
36
24
2
RX Power High Warning
FF FFh
No alarm
38
26
2
RX Power Low Warning
00 00h
No alarm
40
28
16
Reserved
00….000h
Reserved
56
38
4
RX_PWR(4) Calibration
xx xx xx xxh
4th order RSSI calibration coefficient
60
3C
4
RX_PWR(3) Calibration
xx xx xx xxh
3rd order RSSI calibration coefficient
64
40
4
RX_PWR(2) Calibration
xx xx xx xxh
2nd order RSSI calibration coefficient
68
44
4
RX_PWR(1) Calibration
xx xx xx xxh
1st order RSSI calibration coefficient
72
48
4
RX_PWR(0) Calibration
xx xx xx xxh
0th order RSSI calibration coefficient
76
4C
2
TX_I(Slope) Calibration
01 A3h
Slope for Bias calibration
78
4E
2
TX_I(Offset) Calibration
00 00h
Offset for Bias calibration
80
50
2
TX_PWR(Slope) Calibration
xx xxh
Slope for TX Power calibration
82
52
2
TX_PWR(Offset) Calibration
00 00h
Offset for TX Power calibration
84
54
2
T(Slope) Calibration
01 00h
Slope for Temperature calibration
86
56
2
T(Offset) Calibration
xx xxh
Offset for Temperature calibration, in units of
256ths C
88
58
2
V(Slope) Calibration
01 00h
Slope for VCC calibration
90
5A
2
V(Offset) Calibration
00 00h
Offset for VCC calibration
92
5C
3
Reserved
00h
reserved
95
5F
1
Checksum
xxh
Checksum
96
60
2
Transceiver Temperature
xx xxh
Temperature in C/256
98
62
2
Supply Voltage
xx xxh
Vcc
100
64
2
TX Bias Current
xx xxh
BIASMON
102
66
2
TX Optical Output Power
xx xxh
Back facet monitor
104
68
2
RX Optical Input Power
xx xxh
RSSI
106
6A
2
Reserved
0000h
Reserved
108
6C
2
Reserved
0000h
Reserved
6E.7
1bit
TX_DIS State
x
Digital state of the TX Disable Input Pin.
6E.6
1bit
Soft TX Disable
x
Read/write bit that allows software disable of
laser.
6E.5
1bit
Reserved.
0
Reserved.
6E.4
1bit
Rate Select State
0
NOT SUPPORTED.
6E.3
1bit
Rate Select
0
NOT SUPPORTED.
6E.2
1bit
TX_FAULT
x
Digital state of the TX Fault Output Pin.
6E.1
1bit
LOS
0
NOT SUPPORTED
6E.0
1bit
Data_ready_bar
x
Indicates transceiver has achieved power up
and data is ready.
I2C A2h Address
110


Similar Part No. - SPS-43-48H-HP-TDE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPS-43-48H-HP-CDE-SD SOURCE-SPS-43-48H-HP-CDE-SD Datasheet
297Kb / 13P
   Small Form Factor Pluggable, Simple SC Connector
SPS-43-48H-HP-XDE SOURCE-SPS-43-48H-HP-XDE Datasheet
363Kb / 13P
   1490nm/1310nm Single Fiber OLT
More results

Similar Description - SPS-43-48H-HP-TDE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPS-43-48H-HP-XDE SOURCE-SPS-43-48H-HP-XDE Datasheet
363Kb / 13P
   1490nm/1310nm Single Fiber OLT
SFU-43-48H-HP-CDE SOURCE-SFU-43-48H-HP-CDE Datasheet
620Kb / 10P
   1490nm/1310nm Single Fiber SFFB Transceiver
logo
Infineon Technologies A...
CFH120 INFINEON-CFH120 Datasheet
242Kb / 20P
   Preliminary Datasheet
Rev. 3.0/Jan 11th, 2002
logo
SiGe Semiconductor, Inc...
SE4150L SIGE-SE4150L Datasheet
90Kb / 2P
   GPS Receiver IC Preliminary Datasheet
logo
Source Photonics, Inc.
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
FTM-9723P-KGHG SOURCE-FTM-9723P-KGHG Datasheet
467Kb / 16P
   2x10 SFF G-PON OLT Transceiver
FTM-9712P-F20 SOURCE-FTM-9712P-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
logo
List of Unclassifed Man...
TSE-0155-32S-P1-3 ETC-TSE-0155-32S-P1-3 Datasheet
453Kb / 10P
   SINGLE MODE SINGLE FIBER TRANSCEIVER
logo
Pulse A Technitrol Comp...
SFPT-LX2-01 PULSE-SFPT-LX2-01 Datasheet
205Kb / 10P
   1.25Gb/s 1310nm Single-mode SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com