Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDH33168R2MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PDH33168R2MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDH33168R2MZF Datasheet(HTML) 2 Page - Superworld Electronics

  PDH33168R2MZF Datasheet HTML 1Page - Superworld Electronics PDH33168R2MZF Datasheet HTML 2Page - Superworld Electronics PDH33168R2MZF Datasheet HTML 3Page - Superworld Electronics PDH33168R2MZF Datasheet HTML 4Page - Superworld Electronics PDH33168R2MZF Datasheet HTML 5Page - Superworld Electronics PDH33168R2MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PDH3316 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
Inductance
0.33±20%
1.00±20%
0.68±20%
2.20±20%
2.70±20%
1.50±20%
4.70±20%
6.80±20%
5.60±20%
10.00±20%
8.20±20%
3.30±20%
( µH )
PDH3316100MZF
PDH33161R0MZF
PDH33163R3MZF
PDH33164R7MZF
PDH33168R2MZF
PDH33166R8MZF
PDH33165R6MZF
PDH33161R5MZF
PDH33162R2MZF
PDH33162R7MZF
PDH3316R33MZF
PDH3316R68MZF
Part No.
0.1V/100K
25
38
3.8
3.9
6
11.0
10.0
100
0.1V/100K
65
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
0.1V/100K
40
36
28
45
0.1V/100K
0.1V/100K
0.1V/100K
90
65
90
5.9
6.4
14
22
27
32
18
5.0
4.6
4.6
4.0
4.4
4.0
5.4
4.8
11
12
8
7.8
7.4
7.0
6.6
9.0
9.0
Test
SRF
Freq.
( Hz )
0.1V/100K
0.1V/100K
300
200
( MHz )
Typ.
Isat
RDC
Irms
( A )
20.0
13.0
2
5
( m )
Max.
16.0
12.0
( A )


Similar Part No. - PDH33168R2MZF

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDH3012 NIEC-PDH3012 Datasheet
271Kb / 5P
   THYRISTOR MODULE 30A /1200 to 1600V
PDH3012 NIEC-PDH3012 Datasheet
251Kb / 4P
   30A Avg 1200~1600 Volts
PDH3016 NIEC-PDH3016 Datasheet
271Kb / 5P
   THYRISTOR MODULE 30A /1200 to 1600V
PDH3016 NIEC-PDH3016 Datasheet
251Kb / 4P
   30A Avg 1200~1600 Volts
PDH308 NIEC-PDH308 Datasheet
241Kb / 4P
   THYRISTOR MODULE 30A Avg 800 Volts
More results

Similar Description - PDH33168R2MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com