Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDC3015N-100MF Datasheet(PDF) 6 Page - Superworld Electronics

Part # PDC3015N-100MF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC3015N-100MF Datasheet(HTML) 6 Page - Superworld Electronics

  PDC3015N-100MF Datasheet HTML 1Page - Superworld Electronics PDC3015N-100MF Datasheet HTML 2Page - Superworld Electronics PDC3015N-100MF Datasheet HTML 3Page - Superworld Electronics PDC3015N-100MF Datasheet HTML 4Page - Superworld Electronics PDC3015N-100MF Datasheet HTML 5Page - Superworld Electronics PDC3015N-100MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
18.04.2008
PDC3015N SERIES
9-4. Tearing Off Force
The force for tearing off cover tape is 10 to 125 grams
in the arrow direction under the following conditions.
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
1. Storage Conditions :
To maintain the solderabililty of terminal electrodes :
a) Temperature and humidity conditions : Less than 40°C and 70% RH.
b) Recommended products should be used within 6 months from the time of delivery.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
2. Transportation :
Application Notice
Top cover tape
F
Base tape
165° to 180°
Room Temp.
(°C)
5~35
Room Humidity
(%)
45~85
Tearing Speed
(mm/min)
300
Room atm
(hPa)
860~1060
SMD Power Inductors (Lead Free)
PG. 6
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - PDC3015N-100MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDC3015C SUPERWORLD-PDC3015C Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-100MF SUPERWORLD-PDC3015C-100MF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-1R6YF SUPERWORLD-PDC3015C-1R6YF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-220MF SUPERWORLD-PDC3015C-220MF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-2R2YF SUPERWORLD-PDC3015C-2R2YF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PDC3015N-100MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com