Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDC3015C-100MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PDC3015C-100MF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC3015C-100MF Datasheet(HTML) 2 Page - Superworld Electronics

  PDC3015C-100MF Datasheet HTML 1Page - Superworld Electronics PDC3015C-100MF Datasheet HTML 2Page - Superworld Electronics PDC3015C-100MF Datasheet HTML 3Page - Superworld Electronics PDC3015C-100MF Datasheet HTML 4Page - Superworld Electronics PDC3015C-100MF Datasheet HTML 5Page - Superworld Electronics PDC3015C-100MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
18.04.2008
SMD Power Inductors (Lead Free)
PDC3015C SERIES
5. GENERAL SPECIFICATION :
c) Idc(A) : Will cause L to drop by 30% and coil temp. rise T<45°C
b) Ambient Temp. : 25°C
a) Test Frequency : 100KHz/0.3Vdc
6. ELECTRICAL CHARACTERISTICS :
PDC3015C-1R6YF
1.6 ±30%
Part No.
( µH )
Inductance
0.065
0.3V/100K
Frequency
Test
( Hz )
±20%
(
)
DCR
1.50
( A )
Max.
IDC
0
d) Operating temp. : -40°C to +105°C ( include self-temp. rise )
PDC3015C-2R2YF
2.2 ±30%
0.3V/100K
0.082
1.30
PDC3015C-3R3YF
0.3V/100K
0.110
1.00
PDC3015C-4R7YF
3.3 ±30%
0.3V/100K
0.160
0.86
PDC3015C-6R8YF
4.7 ±30%
0.3V/100K
0.220
0.80
PDC3015C-100MF
6.8 ±30%
0.3V/100K
0.280
0.70
10 ±20%
0.3V/100K
0.800
0.46
22 ±20%
e) Storage temp. : -40°C to +85°C
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PDC3015C-220MF
0
0.3
0.6
0.9
1.2
1.5
DC CURRENT(A)
0
0.6
1.2
1.8
2.4
3
0
10
20
30
40
50
TPC3015N-1R6
PDC3015C-1R6YF
0
0.3
0.60.9
1.21.5
DC CURRENT(A)
0
1
2
3
4
0
10
20
30
40
50
TPC3015N -2R2
PDC3015C-2R2YF


Similar Part No. - PDC3015C-100MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDC3015N SUPERWORLD-PDC3015N Datasheet
260Kb / 6P
   SMD POWER INDUCTORS
PDC3015N-100MF SUPERWORLD-PDC3015N-100MF Datasheet
260Kb / 6P
   SMD POWER INDUCTORS
PDC3015N-1R6YF SUPERWORLD-PDC3015N-1R6YF Datasheet
260Kb / 6P
   SMD POWER INDUCTORS
PDC3015N-220MF SUPERWORLD-PDC3015N-220MF Datasheet
260Kb / 6P
   SMD POWER INDUCTORS
PDC3015N-2R2YF SUPERWORLD-PDC3015N-2R2YF Datasheet
260Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PDC3015C-100MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com