Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDH5022 Datasheet(PDF) 3 Page - Superworld Electronics

Part # PDH5022
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDH5022 Datasheet(HTML) 3 Page - Superworld Electronics

  PDH5022 Datasheet HTML 1Page - Superworld Electronics PDH5022 Datasheet HTML 2Page - Superworld Electronics PDH5022 Datasheet HTML 3Page - Superworld Electronics PDH5022 Datasheet HTML 4Page - Superworld Electronics PDH5022 Datasheet HTML 5Page - Superworld Electronics PDH5022 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
5
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
10
3
10
35
10
10-1
-3
5
10
3 5
10
3
3
35
10
FREQUENCY(MHZ)
-2
-1
0
1
L
4R7M
2R2M
R78M
0
10
5
(uH) 3
5
150M
7R8M
1
10
5
3
2
0
0
24
20
10
60
(°C)
40
30
t
50
80
70
90
10
PG. 3
3
DC CURRENT (A)
-3
10
102
-1
10
5
310
3 5
3 5
10
3 5
10
-2
0
-1
05.05.2008
35
10
10
2
1
L
0
10
5
3
(uH)
5
R78M
4R7M
2R2M
1
10
5
3
150M
7R8M
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
DC CURRENT (A)
2
20
10
12
6
8
14
16
18
22
24
4R7M
150M
7R8M
2R2M
R78M
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
PDH5022 SERIES


Similar Part No. - PDH5022

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDH NIEC-PDH Datasheet
251Kb / 4P
   400A Avg 800 Volts
PDH NIEC-PDH Datasheet
260Kb / 4P
   200A Avg 800 Volts
logo
Wabash Transformer Inc.
PDH-06-10 WABASH-PDH-06-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PDH-06-120 WABASH-PDH-06-120 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PDH-06-126 WABASH-PDH-06-126 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
More results

Similar Description - PDH5022

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com