Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDC3015C-4R7YF Datasheet(PDF) 4 Page - Superworld Electronics

Part # PDC3015C-4R7YF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC3015C-4R7YF Datasheet(HTML) 4 Page - Superworld Electronics

  PDC3015C-4R7YF Datasheet HTML 1Page - Superworld Electronics PDC3015C-4R7YF Datasheet HTML 2Page - Superworld Electronics PDC3015C-4R7YF Datasheet HTML 3Page - Superworld Electronics PDC3015C-4R7YF Datasheet HTML 4Page - Superworld Electronics PDC3015C-4R7YF Datasheet HTML 5Page - Superworld Electronics PDC3015C-4R7YF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
60
seconds
3±1
seconds
SUPERWORLD ELECTRONICS (S) PTE LTD
18.04.2008
PG. 4
Preheating
60
seconds
Times (min.)
30±3
15
15
30±3
Time : 500 hours
1. Appearance : No damage
2. Inductance change : Within ±15% of initial value
High Temperature
Resistance Test
Applied Current : Rated Current
Temperature : 105±2°C
Time : 500 hrs
2. Inductance change : Within ±10% of initial value
Measured : 50 times
1. Appearance : No damage
2. Inductance change : Within ±10% of initial value
1. Appearance : No damage
1. Appearance : No significant abnormality
2. Inductance change : Within ±10%
Thermal Shock
Humidity Resistance
Solder Heat Resistance
Reliability Test
Conditions of 1 cycle.
Applied Current : Rated Current
Humidity : 90% to 95%
Temperature : 40±2°C
Total : 50 cycles
Temperature (°C)
-40±2
+105±2
Room temp.
Room temp.
Step
1
4
2
3
265°C
150°C
Preheat : 150°C, 60sec.
Dip Time : 10±1sec.
Solder Temperature : 265±5°C
Solder : DD930C
cooling
10±1
seconds
Natural
Dipping
TEST CONDITION
Preheating
PDC3015C SERIES
PERFORMANCE
should be covered with solder.
More than 90% of the terminal electrode
SMD Power Inductors (Lead Free)
8. ELECTRICAL CHARACTERISTICS :
Mechanical Performance Test
Solderability Test
ITEM
Solder Temperature : 245±5°C
Flux for lead free : rosin
Dip Time : 3±1sec.
245°C
150°C
Preheat : 150°C, 60sec.
Solder : DD930C
cooling
Natural
Dipping
90~120sec
5sec max.
260°C max.
230°C
150~180°C
30sec max.
REFLOW SOLDERING CONDITION
Reflow times : 2 times max.
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - PDC3015C-4R7YF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDC3015N SUPERWORLD-PDC3015N Datasheet
260Kb / 6P
   SMD POWER INDUCTORS
PDC3015N-100MF SUPERWORLD-PDC3015N-100MF Datasheet
260Kb / 6P
   SMD POWER INDUCTORS
PDC3015N-1R6YF SUPERWORLD-PDC3015N-1R6YF Datasheet
260Kb / 6P
   SMD POWER INDUCTORS
PDC3015N-220MF SUPERWORLD-PDC3015N-220MF Datasheet
260Kb / 6P
   SMD POWER INDUCTORS
PDC3015N-2R2YF SUPERWORLD-PDC3015N-2R2YF Datasheet
260Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PDC3015C-4R7YF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com