Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7000 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 2N7000
Description  CASE 29-04, STYLE 22 TO-92 (TO-226AA)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N7000 Datasheet(HTML) 1 Page - Motorola, Inc

  2N7000 Datasheet HTML 1Page - Motorola, Inc 2N7000 Datasheet HTML 2Page - Motorola, Inc 2N7000 Datasheet HTML 3Page - Motorola, Inc 2N7000 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TMOS FET Transistor
N–Channel — Enhancement
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain Source Voltage
VDSS
60
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate–Source Voltage
— Continuous
— Non–repetitive (tp ≤ 50 µs)
VGS
VGSM
±20
±40
Vdc
Vpk
Drain Current
Continuous
Pulsed
ID
IDM
200
500
mAdc
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
R
θJA
357
°C/W
Maximum Lead Temperature for
Soldering Purposes, 1/16
″ from case
for 10 seconds
TL
300
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0, ID = 10 µAdc)
V(BR)DSS
60
Vdc
Zero Gate Voltage Drain Current
(VDS = 48 Vdc, VGS = 0)
(VDS = 48 Vdc, VGS = 0, TJ = 125°C)
IDSS
1.0
1.0
µAdc
mAdc
Gate–Body Leakage Current, Forward
(VGSF = 15 Vdc, VDS = 0)
IGSSF
–10
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(VDS = VGS, ID = 1.0 mAdc)
VGS(th)
0.8
3.0
Vdc
Static Drain–Source On–Resistance
(VGS = 10 Vdc, ID = 0.5 Adc)
(VGS = 4.5 Vdc, ID = 75 mAdc)
rDS(on)
5.0
6.0
Ohm
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 0.5 Adc)
(VGS = 4.5 Vdc, ID = 75 mAdc)
VDS(on)
2.5
0.45
Vdc
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by 2N7000/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
CASE 29–04, STYLE 22
TO–92 (TO–226AA)
1
2
3
2N7000
Motorola Preferred Device
3 DRAIN
2
GATE
1 SOURCE
REV 3


Similar Part No. - 2N7000

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KOO CHIN ELECT...
2N7000 KOOCHIN-2N7000 Datasheet
661Kb / 3P
   MOSFET( N-Channel )
logo
NXP Semiconductors
2N7000 PHILIPS-2N7000 Datasheet
76Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
ON Semiconductor
2N7000 ONSEMI-2N7000 Datasheet
57Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts N?묬hannel TO??2 200 mAMPS 60 VOLTS
March, 2007 ??Rev. 6
logo
Fairchild Semiconductor
2N7000 FAIRCHILD-2N7000 Datasheet
116Kb / 7P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
2N7000 KEXIN-2N7000 Datasheet
74Kb / 1P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - 2N7000

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5208 MOTOROLA-2N5208 Datasheet
297Kb / 5P
   CASE 29-04,STYLE 2 TO-92(TO-226AA)
2N5555 MOTOROLA-2N5555 Datasheet
271Kb / 8P
   CASE 29.04, STYLE 5 TO-92 (TO-226AA)
2N5087 MOTOROLA-2N5087 Datasheet
300Kb / 8P
   CASE 29.04, STYLE 1 TO-92 (TO-226AA)
2N2894 MOTOROLA-2N2894 Datasheet
44Kb / 1P
   CASE 22-03, STYLE 1 TO-18(TO-206AA)
2N4036 MOTOROLA-2N4036 Datasheet
86Kb / 4P
   CASE 79.04, STYLE 1 TO-39 (TO-205AD)
logo
Central Semiconductor C...
2N4401 CENTRAL-2N4401 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
2N4256 CENTRAL-2N4256 Datasheet
86Kb / 2P
   NPN SILICON TRANSISTOR JEDEC TO-92 CASE(ECB)
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Motorola, Inc
4N35 MOTOROLA-4N35 Datasheet
276Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
   CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com