Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA-2042U Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA-2042U
Description  Multiple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA-2042U Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA-2042U Datasheet HTML 1Page - Phihong USA Inc. PSA-2042U Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO 9001 • BABT
Facility Approvals
ENTERPRISE CO., LTD.
16, Lane 530, Chung Cheng N. Rd.
Sanchung City, Taipei
Taiwan 24103, R.O.C.
Phone: 886-2-988-2126
886-2-980-5255
Fax: 886-2-981-7086
886-2-983-3222
PHIHONG USA
U.S. Headquaters:
48607 Warm Springs Blvd.
Fremont, CA 94539
Phone: (510) 445-0100
Fax: (510) 445-1678
Email: usasales@phihongusa.com
Internet: http://www.phihongusa.com
Eastern Office:
3005 Brodhead Road
Bethlehem, PA 18017
Phone: (610) 866-9911
Fax: (610) 866-9920
Southwestern Office:
3325 Cochran St., Suite 200
Simi Valley, CA 93063
Phone: (805) 520-8177
Fax: (805) 520-3907
200W Auto-Ranging Industrial Series
PSA-2041U
Multiple Output Switching Power Supply
PSA-2044U
+5V
+5V
RTN
RTN
PSA-2042U
+5V
+5V
RTN
RTN
PSA-2041U
+5V
+5V
RTN
RTN
1
2
3
4
Model
Pin
Model
Pin
5
6
7
8
PSA-2041U
-5V
-12V
RTN
RTN
PSA-2042U
+5V
+5V
RTN
+12V
PSA-2044U
-12V
+12V
RTN
+24V
Dimension Diagram Unit: mm (inch)
AC Input Voltage
90-132/180-264VAC
(Auto ranging)
AC Frequency
47 to 63Hz
AC Input Current
90-132VAC 5.0A (rms)
180-264VAC 2.5A (rms)
DC Output
See Chart
Efficiency
70% typical at moninal AC line
and full load
Hold-up Time
16msec. at moninal AC line
and full load
Overvoltage Protection
Built-in at 110-130% of main output
Overcurrent Protection
>130% of rated output power
Characteristics
Operation Temperature
0 to 40˚C
Storage Temperature
-25 to 85˚C
Temperature Coefficient
0.02% per˚C
Insulation Resistance
50M ohm minimum from input to
output, input to ground
MTBF
Calculated
75,000hrs. at 25˚C half load
40,000hrs. at 25˚C full load
EMI Requirements
Meets conduction limits of
FCC class A rules
VDE 0871 class A
Inrush Current
50A max. @ cold start


Similar Part No. - PSA-2042U

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA-2054C PHIHONG-PSA-2054C Datasheet
66Kb / 2P
   Style-Remote AC Switch
PSA-20A PHIHONG-PSA-20A Datasheet
74Kb / 2P
   Dual Output Switcher
More results

Similar Description - PSA-2042U

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA46-301 PHIHONG-PSA46-301 Datasheet
141Kb / 2P
   Multiple Output Adapter Switching Power Supply
logo
Mean Well Enterprises C...
LDV-185_1112 MEANWELL-LDV-185_1112 Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185 MEANWELL-LDV-185 Datasheet
218Kb / 3P
   185W Multiple Channel Output Switching Power Supply
logo
Good Will Instrument Co...
GPE-X323 GWINSTEK-GPE-X323 Datasheet
464Kb / 2P
   Multiple Output Linear D.C. Power Supply
GPS-2303 GWINSTEK-GPS-2303 Datasheet
127Kb / 1P
   MULTIPLE OUTPUT LINEAR D.C. POWER SUPPLY
logo
Power Integrations, Inc...
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
   30W Multiple Output Power Supply using TOP245R
logo
C&D Technologies
TPS_PX500 CANDD-TPS_PX500 Datasheet
276Kb / 4P
   AC/DC 500W Multiple Output Power Supply
logo
Good Will Instrument Co...
GPD-2303S GWINSTEK-GPD-2303S Datasheet
2Mb / 2P
   MULTIPLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
Mean Well Enterprises C...
LCM-60DA MEANWELL-LCM-60DA Datasheet
214Kb / 5P
   60W Multiple-Stage Output Current LED Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com