Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA-124 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA-124
Description  Single Output Adaptor Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA-124 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA-124 Datasheet HTML 1Page - Phihong USA Inc. PSA-124 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO 9001 BABT MITI
Facility Approvals
ENTERPRISE CO., LTD.
16, Lane 530, Chung Cheng N. Rd.
Sanchung City, Taipei
Taiwan 24103, R.O.C.
Phone: 886-2-988-2126
886-2-980-5255
Fax: 886-2-981-7086
886-2-983-3222
PHIHONG USA
C
O
R
P
O
R
A
T
I
O
N
U.S. Headquaters:
48607 Warm Springs Blvd.
Fremont, CA 94539
Phone: (510) 445-0100
Fax: (510) 445-1678
Email: usasales@phihongusa.com
Internet: http://www.phihongusa.com
Eastern Office:
3005 Brodhead Road
Bethlehem, PA 18017
Phone: (610) 866-9911
Fax: (610) 866-9920
Southwestern Office:
3325 Cochran St., Suite 200
Simi Valley, CA 93063
Phone: (805) 520-8177
Fax: (805) 520-3907
50W Series
Single Output Adaptor
Switching Power Supply
Ac Input Voltage
90VAC-264VAC
AC Frequency
47 to 63Hz
AC Input Current
1.0A(rms) for 120VAC
0.5A(rms) for 240VAC
AC Inrush Current
40A at cold start (230V)
Humidity
20-90% Non-condensing
Efficiency
70% min. at max. load
Hold-up Time
16msec. min. at full load @110V
Switching Frequency
25KHz typical
Overvoltage Protection
At 110-130% of rated voltage
Overcurrent Protection
Output is equipped with short
circuit protection
Operation Temperature
0 to +40˚C
Storage Temperature
-40 to +70˚C
Temporature Coefficient
0.05% per ˚C
MTBF
Calculated
Greater than 100,000 hours,
(MIL-HDBK-217)
EMI Requirements
FCC Class B rules
VDE 0871 Class B rules
AC Connector
IEC EN60302/C13
DC Connector
2.1mm Coaxial power plug
Characteristics
Dimension Diagram Unit: mm (inch)
10.5
(0.41")
12
(0.47")
1900+20
(74.8+0.79")
166 (6.54")
*2.5mm available on special order. Consult PHIHONG for alternate connectors.


Similar Part No. - PSA-124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSA-12 ETC2-PSA-12 Datasheet
31Kb / 1P
   Power Supplies (12 Volt)
logo
Banner Engineering Corp...
PSA-12 BANNER-PSA-12 Datasheet
45Kb / 2P
   LED Backlights (100 x 200 mm)
PSA-12 BANNER-PSA-12 Datasheet
46Kb / 2P
   LED Diffused On-Axis Lights (25 mm)
PSA-12 BANNER-PSA-12 Datasheet
126Kb / 2P
   LED Diffused On-Axis Lights (75 mm)
logo
List of Unclassifed Man...
PSA-12E ETC2-PSA-12E Datasheet
31Kb / 1P
   Power Supplies (12 Volt)
More results

Similar Description - PSA-124

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-200 MEANWELL-LRS-200 Datasheet
99Kb / 4P
   200W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
HEP-600 MEANWELL-HEP-600 Datasheet
107Kb / 4P
   600W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com