Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDC1004560KZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # PDC1004560KZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC1004560KZF Datasheet(HTML) 1 Page - Superworld Electronics

  PDC1004560KZF Datasheet HTML 1Page - Superworld Electronics PDC1004560KZF Datasheet HTML 2Page - Superworld Electronics PDC1004560KZF Datasheet HTML 3Page - Superworld Electronics PDC1004560KZF Datasheet HTML 4Page - Superworld Electronics PDC1004560KZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P D C 1 0 0 4 1 0 0 M Z F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 100 = 10uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
4.0±0.5
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DRT Ferrite Core
(b) Wire : Enamelled Copper Wire
(c) Terminal : Ag+Cu+Ni+Sn
(d) Ink : Bon Margue
a
3. SCHEMATIC :
(d) Tolerance code : K = ±10%, M = ±20%
(e) X, Y, Z : Standard part
5. GENERAL SPECIFICATION :
e) Resistance to solder heat : 260°C.10 secs
d) Operating temp. : -40°C to +85°C
c) Storage temp. : -40°C to +125°C
b) Rated current : Base on temp. rise & L/L0A = 10% Max.
a) Temp. rise : 40°C Max.
PDC1004 SERIES
SMD POWER INDUCTORS
B
C
b
c
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
01.05.2008
PCB Pattern
2.50 Ref.
GH
I
9.50 Ref.
3.75 Ref.
I
G
I
9.0±0.3
10.0±0.3
(f)
(f) F : Lead Free
d


Similar Part No. - PDC1004560KZF

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PDC100-CxDA11 P-TEC-PDC100-CxDA11 Datasheet
1Mb / 9P
   Gray Face, White Segments or Black Face, White Segments
PDC100-CxDG05 P-TEC-PDC100-CxDG05 Datasheet
1Mb / 9P
   Gray Face, White Segments or Black Face, White Segments
PDC100-CxDG17 P-TEC-PDC100-CxDG17 Datasheet
1Mb / 9P
   Gray Face, White Segments or Black Face, White Segments
PDC100-CxDR02 P-TEC-PDC100-CxDR02 Datasheet
1Mb / 9P
   Gray Face, White Segments or Black Face, White Segments
PDC100-CxDR11 P-TEC-PDC100-CxDR11 Datasheet
1Mb / 9P
   Gray Face, White Segments or Black Face, White Segments
More results

Similar Description - PDC1004560KZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com