Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDC0745C-3R3MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PDC0745C-3R3MF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC0745C-3R3MF Datasheet(HTML) 2 Page - Superworld Electronics

  PDC0745C-3R3MF Datasheet HTML 1Page - Superworld Electronics PDC0745C-3R3MF Datasheet HTML 2Page - Superworld Electronics PDC0745C-3R3MF Datasheet HTML 3Page - Superworld Electronics PDC0745C-3R3MF Datasheet HTML 4Page - Superworld Electronics PDC0745C-3R3MF Datasheet HTML 5Page - Superworld Electronics PDC0745C-3R3MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
18.04.2008
SMD Power Inductors (Lead Free)
PDC0745C SERIES
5. GENERAL SPECIFICATION :
c) Irms(A) : Will cause coil temperature to rise T<40°C
b) Ambient Temp. : 20°C
a) Test Frequency : 100KHz/0.25Vdc
6. ELECTRICAL CHARACTERISTICS :
PDC0745C-1R5MF
1.5 ±20%
Part No.
( µH )
Inductance
8.4
100K/0.25V
Frequency
Test
( Hz )
±20%
( m )
DCR
6.5
( A )
Max.
Irms
e) Operating temp. : -20°C to +85°C ( include self-temp. rise )
PDC0745C-3R3MF
3.3 ±20%
100K/0.25V
19
5.9
PDC0745C-4R7MF
4.7 ±20%
100K/0.25V
25
4.0
PDC0745C-5R0MF
5.0 ±20%
100K/0.25V
22
3.9
PDC0745C-100MF
10 ±20%
100K/0.25V
36
2.1
PDC0745C-150MF
15 ±20%
100K/0.25V
48
1.8
PDC0745C-220MF
22 ±20%
100K/0.25V
88
2.0
PDC0745C-330MF
33 ±20%
100K/0.25V
128
1.8
d) Isat(A) : Will cause L to drop approximately 20%
0
2.0
2.5
2.1
2.7
2.9
5.0
6.0
Isat
Max.
( A )
7.0
7. CHARACTERISTICS CURVES :
0.9
0.8
286
100K/0.25V
100 ±20%
PDC0745C-101MF
01
234
567
DC CURRENT(A)
0
0.5
1
1.5
2
0
5
10
15
20
25
30
35
40
TPC0745DR-1R5
PDC0745C-1R5MF
01
2
3
45
6
DC CURRENT(A)
0
1
2
3
4
0
10
20
30
40
50
60
70
80
TPC0745DR-3R3
PDC0745C-3R3MF
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - PDC0745C-3R3MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDC0703 SUPERWORLD-PDC0703 Datasheet
391Kb / 5P
   SMD POWER INDUCTORS
PDC0703100MZF SUPERWORLD-PDC0703100MZF Datasheet
391Kb / 5P
   SMD POWER INDUCTORS
PDC0703101KZF SUPERWORLD-PDC0703101KZF Datasheet
391Kb / 5P
   SMD POWER INDUCTORS
PDC0703120MZF SUPERWORLD-PDC0703120MZF Datasheet
391Kb / 5P
   SMD POWER INDUCTORS
PDC0703121KZF SUPERWORLD-PDC0703121KZF Datasheet
391Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - PDC0745C-3R3MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com