Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2236CUH Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2236CUH
Description  10-Bit, 65/40/25Msps Low Noise 3V ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2236CUH Datasheet(HTML) 4 Page - Linear Technology

  LTC2236CUH Datasheet HTML 1Page - Linear Technology LTC2236CUH Datasheet HTML 2Page - Linear Technology LTC2236CUH Datasheet HTML 3Page - Linear Technology LTC2236CUH Datasheet HTML 4Page - Linear Technology LTC2236CUH Datasheet HTML 5Page - Linear Technology LTC2236CUH Datasheet HTML 6Page - Linear Technology LTC2236CUH Datasheet HTML 7Page - Linear Technology LTC2236CUH Datasheet HTML 8Page - Linear Technology LTC2236CUH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2238/LTC2237/LTC2236
4
223876fa
I TER AL REFERE CE CHARACTERISTICS (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.475
1.500
1.525
V
VCM Output Tempco
±25
ppm/
°C
VCM Line Regulation
2.7V < VDD < 3.4V
3
mV/V
VCM Output Resistance
–1mA < IOUT < 1mA
4
DIGITAL I PUTS A D DIGITAL OUTPUTS The denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS (CLK, OE, SHDN)
VIH
High Level Input Voltage
VDD = 3V
2V
VIL
Low Level Input Voltage
VDD = 3V
0.8
V
IIN
Input Current
VIN = 0V to VDD
–10
10
µA
CIN
Input Capacitance
(Note 7)
3
pF
LOGIC OUTPUTS
OVDD = 3V
COZ
Hi-Z Output Capacitance
OE = High (Note 7)
3
pF
ISOURCE
Output Source Current
VOUT = 0V
50
mA
ISINK
Output Sink Current
VOUT = 3V
50
mA
VOH
High Level Output Voltage
IO = –10µA
2.995
V
IO = –200µA
2.7
2.99
V
VOL
Low Level Output Voltage
IO = 10µA
0.005
V
IO = 1.6mA
0.09
0.4
V
OVDD = 2.5V
VOH
High Level Output Voltage
IO = –200µA
2.49
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.09
V
OVDD = 1.8V
VOH
High Level Output Voltage
IO = –200µA
1.79
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.09
V


Similar Part No. - LTC2236CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2236 LINER-LTC2236_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
More results

Similar Description - LTC2236CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2236 LINER-LTC2236_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2237 LINER-LTC2237_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2287 LINER-LTC2287_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288 Datasheet
875Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2286 LINER-LTC2286_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2226 LINER-LTC2226_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com