Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2234IUK Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2234IUK
Description  10-Bit, 135Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2234IUK Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2234IUK Datasheet HTML 4Page - Linear Technology LTC2234IUK Datasheet HTML 5Page - Linear Technology LTC2234IUK Datasheet HTML 6Page - Linear Technology LTC2234IUK Datasheet HTML 7Page - Linear Technology LTC2234IUK Datasheet HTML 8Page - Linear Technology LTC2234IUK Datasheet HTML 9Page - Linear Technology LTC2234IUK Datasheet HTML 10Page - Linear Technology LTC2234IUK Datasheet HTML 11Page - Linear Technology LTC2234IUK Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2234
8
2234fa
2234 G18
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2234 G19
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2234 G20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2234 G23
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2234 G22
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2234 G21
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2234 G15
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2234 G16
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
2234 G17
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0 5 10 15 20 25 30 35 40 45 50 55 60 65
FREQUENCY (MHz)
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2234: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range
LTC2234: 8192 Point FFT,
fIN = 30MHz, –1dB, 1V Range
LTC2234: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range
LTC2234: 8192 Point FFT,
fIN = 70MHz, –1dB, 1V Range
LTC2234: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range
LTC2234: 8192 Point FFT,
fIN = 140MHz, –1dB, 1V Range
LTC2234: 8192 Point FFT,
fIN = 250MHz, –1dB, 2V Range
LTC2234: 8192 Point FFT,
fIN = 250MHz, –1dB, 1V Range
LTC2234: 8192 Point FFT,
fIN = 500MHz, –6dB, 1V Range


Similar Part No. - LTC2234IUK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2234 LINER-LTC2234_15 Datasheet
610Kb / 24P
   10-Bit, 135Msps ADC
More results

Similar Description - LTC2234IUK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2234 LINER-LTC2234_15 Datasheet
610Kb / 24P
   10-Bit, 135Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
LTC2224 LINER-LTC2224 Datasheet
610Kb / 24P
   12-Bit, 135Msps ADC
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
   10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2285IUP LINER-LTC2285IUP Datasheet
577Kb / 24P
   Dual 14-Bit, 135Msps Low Power 3.3V ADC
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2221 LINER-LTC2221_15 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
logo
Maxim Integrated Produc...
MAX1426 MAXIM-MAX1426 Datasheet
204Kb / 16P
   10-Bit, 10Msps ADC
19-1598 Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com