Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC-12-LR-51CDA Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # SPC-12-LR-51CDA
Description  622 Mbps CWDM SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-12-LR-51CDA Datasheet(HTML) 6 Page - Source Photonics, Inc.

  SPC-12-LR-51CDA Datasheet HTML 1Page - Source Photonics, Inc. SPC-12-LR-51CDA Datasheet HTML 2Page - Source Photonics, Inc. SPC-12-LR-51CDA Datasheet HTML 3Page - Source Photonics, Inc. SPC-12-LR-51CDA Datasheet HTML 4Page - Source Photonics, Inc. SPC-12-LR-51CDA Datasheet HTML 5Page - Source Photonics, Inc. SPC-12-LR-51CDA Datasheet HTML 6Page - Source Photonics, Inc. SPC-12-LR-51CDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
622 Mbps CWDM SFP Transceiver
SPC-12-LR
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1926-Aug1108
Rev A.0
LUMINENTOIC.COM
6
Protocol IC
SerDes
Laser Driver
Receiver Amplifier
LuminentOIC
SFP
Vcc
R
1
10�F
0.1�F
1�H
1�H
.01�F
VCC
T
10K�
TX_DISABLE
TX_FAULT
TD +
TD -
VEE
T
.01�F
.01�F
100�
VCC
R
10�F
0.1�F
.01�F
.01�F
100�
EEPROM
MOD_DEF 2
MOD_DEF 1
MOD_DEF 0
RD +
RD -
RX_LOS
TX_DISABLE
TX_FAULT
RX_LOS
R
1
R
1
R
1
R
1
VEE
R
Vcc
R
1=4.7K to 10K�
Suggested Transceiver Interface


Similar Part No. - SPC-12-LR-51CDA

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SPC-1204P MICRO-ELECTRONICS-SPC-1204P Datasheet
242Kb / 1P
   SMD POWER INDUCTORS
SPC-1204P-100 MICRO-ELECTRONICS-SPC-1204P-100 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS
SPC-1204P-101 MICRO-ELECTRONICS-SPC-1204P-101 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS
SPC-1204P-120 MICRO-ELECTRONICS-SPC-1204P-120 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS
SPC-1204P-121 MICRO-ELECTRONICS-SPC-1204P-121 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS
More results

Similar Description - SPC-12-LR-51CDA

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-53120-CXX0G OPTOWAY-SPS-53120-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160-CXX0G OPTOWAY-SPS-53160-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380-CXX0G OPTOWAY-SPS-5380-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
SP-12-LR2-CNA SOURCE-SP-12-LR2-CNA Datasheet
472Kb / 7P
   622 Mbps SFP Transceiver
logo
Optoway Technology Inc
SPS-53160-CXX0G OPTOWAY-SPS-53160-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120-CXX0G OPTOWAY-SPS-53120-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380-CXX0G OPTOWAY-SPS-5380-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200-CXX0G OPTOWAY-SPS-53200-CXX0G Datasheet
151Kb / 5P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
SP-12-IR1-CNA SOURCE-SP-12-IR1-CNA Datasheet
433Kb / 7P
   622 Mbps SFP Transceiver
SP-12-LR1-CNA SOURCE-SP-12-LR1-CNA Datasheet
476Kb / 7P
   622 Mbps SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com